Electronic Components Datasheet Search
  English  ▼

X  

LCAD30019 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30019 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30019
Download  LCAD30019 Download
File Size   278.54 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, 78 Ohm BNC Twinax Tee Jack / Jack / Jack

LCAD30019 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30019 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30019
Download  LCAD30019 Click to download

File Size   278.54 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, 78 Ohm BNC Twinax Tee Jack / Jack / Jack

LCAD30019 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30019 Product details

Configuration
• BNC Twinax Jack Connector 1
• BNC Twinax Jack Connector 2
• Impedance 78 Ohm
• Tee Body Geometry

Features
• Provides In-Series BNC Connections
• Gold Plated Center Contacts




Similar Part No. - LCAD30019

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30010 L-COM-LCAD30010 Datasheet
281Kb / 3P
Coaxial Adapter, SMA Male / SMB Plug
01/09/2020
LCAD30011 L-COM-LCAD30011 Datasheet
280Kb / 3P
Coaxial Adapter, SMA Male / SMB Jack
01/09/2020
LCAD30012 L-COM-LCAD30012 Datasheet
280Kb / 3P
Coaxial Adapter, BNC Tee Male / Female / Female
01/09/2020
LCAD30013 L-COM-LCAD30013 Datasheet
294Kb / 3P
Coaxial Adapter, SMA Female / BNC Female Bulkhead
01/09/2020
LCAD30014 L-COM-LCAD30014 Datasheet
279Kb / 3P
Coaxial Adapter, N Female / BNC Female
01/09/2020
More results


Similar Description - LCAD30019

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9279 PASTERNACK-PE9279 Datasheet
252Kb / 3P
BNC Twinax Tee Adapter Jack-Jack-Jack
PE9302 PASTERNACK-PE9302 Datasheet
258Kb / 3P
SMB Tee Adapter Jack-Jack-Jack
PE9375 PASTERNACK-PE9375 Datasheet
258Kb / 3P
BNC Twinax Tee Adapter Jack-Plug-Jack
PE9244 PASTERNACK-PE9244 Datasheet
236Kb / 3P
75 Ohm SMC Tee Adapter Jack-Plug-Jack
PE9378 PASTERNACK-PE9378 Datasheet
356Kb / 4P
BNC Twinax Jack to BNC Twinax Jack Adapter
logo
Huber+Suhner, Inc.
31_BNC-50-0-1133_N HUBERSUHNER-31_BNC-50-0-1133_N Datasheet
492Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, jack / jack (female / female)
31_BNC-N-50-1133_U HUBERSUHNER-31_BNC-N-50-1133_U Datasheet
512Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, jack / jack (female / female)
31_BNC-N-75-1133_U HUBERSUHNER-31_BNC-N-75-1133_U Datasheet
511Kb / 2P
COAXIAL ADAPTER, BNC - N, 75 Ohm, jack / jack (female / female)
31_BNC-SMA-50-11--_U HUBERSUHNER-31_BNC-SMA-50-11--_U Datasheet
513Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, jack / jack (female / female)
34_BNC-50-0-1133_N HUBERSUHNER-34_BNC-50-0-1133_N Datasheet
506Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, Bulkhead, jack / jack (female / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com