Electronic Components Datasheet Search
  English  ▼

X  

LCAD30011 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30011 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30011
Download  LCAD30011 Download
File Size   280.94 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, SMA Male / SMB Jack

LCAD30011 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30011 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30011
Download  LCAD30011 Click to download

File Size   280.94 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, SMA Male / SMB Jack

LCAD30011 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30011 Product details

Configuration
• SMA Male Connector 1
• SMB Jack Connector 2
• Impedance 50 Ohm
• Straight Body Geometry

Features
• Provides Between Series SMA to SMB Connections
• Operates to 4 GHz
• Max VSWR of 1.25:1
• Gold Plated Center Contacts




Similar Part No. - LCAD30011

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30010 L-COM-LCAD30010 Datasheet
281Kb / 3P
Coaxial Adapter, SMA Male / SMB Plug
01/09/2020
LCAD30012 L-COM-LCAD30012 Datasheet
280Kb / 3P
Coaxial Adapter, BNC Tee Male / Female / Female
01/09/2020
LCAD30013 L-COM-LCAD30013 Datasheet
294Kb / 3P
Coaxial Adapter, SMA Female / BNC Female Bulkhead
01/09/2020
LCAD30014 L-COM-LCAD30014 Datasheet
279Kb / 3P
Coaxial Adapter, N Female / BNC Female
01/09/2020
LCAD30015 L-COM-LCAD30015 Datasheet
293Kb / 3P
Coaxial Adapter, N Female / BNC Female 4 Hole Flange
01/09/2020
More results


Similar Description - LCAD30011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9143 PASTERNACK-PE9143 Datasheet
250Kb / 3P
SMA Female to SMB Jack Adapter
PE9145 PASTERNACK-PE9145 Datasheet
234Kb / 2P
SMA Male to SMB Jack Adapter
logo
Amphenol Corporation
242144 AMPHENOL-242144 Datasheet
51Kb / 1P
SMA PLUG TO SMB JACK ADAPTER
logo
Linx Technologies
ADP-SMAF-SMBF-G LINX-ADP-SMAF-SMBF-G Datasheet
896Kb / 4P
SMA Jack to SMB Jack Adapter
2020
ADP-SMAF-SMBM-G LINX-ADP-SMAF-SMBM-G Datasheet
906Kb / 4P
SMA Jack to SMB Plug Adapter
2020
logo
Huber+Suhner, Inc.
33_N-SMB-50-11--_U HUBERSUHNER-33_N-SMB-50-11--_U Datasheet
509Kb / 2P
COAXIAL ADAPTER, N - SMB, 50 Ohm, plug / jack (male / female)
31_SMA-SMB-50-1111_U HUBERSUHNER-31_SMA-SMB-50-1111_U Datasheet
482Kb / 2P
COAXIAL ADAPTER, SMA - SMB, 50 Ohm, jack / jack (female / female)
33_SMB-BNC-50-21--_U HUBERSUHNER-33_SMB-BNC-50-21--_U Datasheet
511Kb / 2P
COAXIAL ADAPTER, SMB - BNC, 50 Ohm, plug / jack (male / female)
33_SMB-N-50-11--_U HUBERSUHNER-33_SMB-N-50-11--_U Datasheet
496Kb / 2P
COAXIAL ADAPTER, SMB - N, 50 Ohm, plug / jack (male / female)
33_SMB-SMA-50-1111_U HUBERSUHNER-33_SMB-SMA-50-1111_U Datasheet
491Kb / 2P
COAXIAL ADAPTER, SMB - SMA, 50 Ohm, plug / jack (male / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com