Electronic Components Datasheet Search
  English  ▼

X  

LCAD30012 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30012 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30012
Download  LCAD30012 Download
File Size   280.74 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, BNC Tee Male / Female / Female

LCAD30012 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30012 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30012
Download  LCAD30012 Click to download

File Size   280.74 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, BNC Tee Male / Female / Female

LCAD30012 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30012 Product details

Configuration
• BNC Male Connector 1
• BNC Female Connector 2
• Impedance 50 Ohm
• Tee Body Geometry

Features
• Provides In-Series BNC Connections
• Operates to 100 MHz
• Max VSWR of 2.1:1
• Gold Plated Center Contacts




Similar Part No. - LCAD30012

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30010 L-COM-LCAD30010 Datasheet
281Kb / 3P
Coaxial Adapter, SMA Male / SMB Plug
01/09/2020
LCAD30011 L-COM-LCAD30011 Datasheet
280Kb / 3P
Coaxial Adapter, SMA Male / SMB Jack
01/09/2020
LCAD30013 L-COM-LCAD30013 Datasheet
294Kb / 3P
Coaxial Adapter, SMA Female / BNC Female Bulkhead
01/09/2020
LCAD30014 L-COM-LCAD30014 Datasheet
279Kb / 3P
Coaxial Adapter, N Female / BNC Female
01/09/2020
LCAD30015 L-COM-LCAD30015 Datasheet
293Kb / 3P
Coaxial Adapter, N Female / BNC Female 4 Hole Flange
01/09/2020
More results


Similar Description - LCAD30012

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4896 POMONA-4896 Datasheet
34Kb / 1P
BNC ?쏷??(Male-Female-Female) Coaxial Adapter
logo
Pasternack Enterprises,...
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
BNC Tee Adapter Female-Male-Female
PE9003 PASTERNACK-PE9003 Datasheet
244Kb / 3P
BNC Tee Adapter Female-Female-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9182 PASTERNACK-PE9182 Datasheet
251Kb / 3P
SMA Tee Adapter Female-Male-Female
PE9290 PASTERNACK-PE9290 Datasheet
248Kb / 3P
TNC Tee Adapter Male-Female-Female
PE9365 PASTERNACK-PE9365 Datasheet
239Kb / 2P
75 Ohm BNC Tee Adapter Female-Male-Female
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
N Tee Adapter Male-Female-Female
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE91106 PASTERNACK-PE91106 Datasheet
434Kb / 4P
BNC Triax Tee Adapter Male-Female-Female
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com