Electronic Components Datasheet Search
  English  ▼

X  

LCAD30010 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30010 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30010
Download  LCAD30010 Download
File Size   281.7 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, SMA Male / SMB Plug

LCAD30010 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30010 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30010
Download  LCAD30010 Click to download

File Size   281.7 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, SMA Male / SMB Plug

LCAD30010 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30010 Product details

Configuration
• SMA Male Connector 1
• SMB Plug Connector 2
• Impedance 50 Ohm
• Straight Body Geometry

Features
• Provides Between Series SMA to SMB Connections
• Operates to 4 GHz
• Max VSWR of 1.25:1
• Gold Plated Center Contacts




Similar Part No. - LCAD30010

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30011 L-COM-LCAD30011 Datasheet
280Kb / 3P
Coaxial Adapter, SMA Male / SMB Jack
01/09/2020
LCAD30012 L-COM-LCAD30012 Datasheet
280Kb / 3P
Coaxial Adapter, BNC Tee Male / Female / Female
01/09/2020
LCAD30013 L-COM-LCAD30013 Datasheet
294Kb / 3P
Coaxial Adapter, SMA Female / BNC Female Bulkhead
01/09/2020
LCAD30014 L-COM-LCAD30014 Datasheet
279Kb / 3P
Coaxial Adapter, N Female / BNC Female
01/09/2020
LCAD30015 L-COM-LCAD30015 Datasheet
293Kb / 3P
Coaxial Adapter, N Female / BNC Female 4 Hole Flange
01/09/2020
More results


Similar Description - LCAD30010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9144 PASTERNACK-PE9144 Datasheet
233Kb / 2P
SMA Male to SMB Plug Adapter
logo
Huber+Suhner, Inc.
32_BNC-50-0-1133_N HUBERSUHNER-32_BNC-50-0-1133_N Datasheet
480Kb / 2P
COAXIAL ADAPTER, BNC - SMA, 50 Ohm, plug / plug (male / male)
32_BNC-SMA-50-11--_U HUBERSUHNER-32_BNC-SMA-50-11--_U Datasheet
1Mb / 2P
COAXIAL ADAPTER, BNC - SMA, 50 Ohm, plug / plug (male / male)
32_MCX-SMA-50-1111_N HUBERSUHNER-32_MCX-SMA-50-1111_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, MCX - SMA, 50 Ohm, plug / plug (male / male)
32_N-SMA-50-111-_N HUBERSUHNER-32_N-SMA-50-111-_N Datasheet
479Kb / 2P
COAXIAL ADAPTER, N - SMA, 50 Ohm, plug / plug (male / male)
32_N-SMB-50-11--_U HUBERSUHNER-32_N-SMB-50-11--_U Datasheet
475Kb / 2P
COAXIAL ADAPTER, N - SMB, 50 Ohm, plug / plug (male / male)
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
32_SMA-50-0-52199_N HUBERSUHNER-32_SMA-50-0-52199_N Datasheet
476Kb / 2P
COAXIAL ADAPTER, SMA - TNC, 50 Ohm, plug / plug (male / male)
32_SMB-50-0-1111_N HUBERSUHNER-32_SMB-50-0-1111_N Datasheet
507Kb / 2P
COAXIAL ADAPTER, SMB, 50 Ohm, plug / plug (male / male)
33_SMB-SMA-50-1111_U HUBERSUHNER-33_SMB-SMA-50-1111_U Datasheet
491Kb / 2P
COAXIAL ADAPTER, SMB - SMA, 50 Ohm, plug / jack (male / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com