Electronic Components Datasheet Search
  English  ▼

X  

LCAD30018 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30018 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30018
Download  LCAD30018 Download
File Size   278.1 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, BNC Male / Female

LCAD30018 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30018 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30018
Download  LCAD30018 Click to download

File Size   278.1 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, BNC Male / Female

LCAD30018 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30018 Product details

Configuration
• BNC Male Connector 1
• BNC Female Connector 2
• Impedance 50 Ohm
• Straight Body Geometry

Features
• Provides In-Series BNC to BNC Connections
• Operates to 4 GHz
• Max VSWR of 1.3:1
• Gold Plated Center Contacts




Similar Part No. - LCAD30018

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30010 L-COM-LCAD30010 Datasheet
281Kb / 3P
Coaxial Adapter, SMA Male / SMB Plug
01/09/2020
LCAD30011 L-COM-LCAD30011 Datasheet
280Kb / 3P
Coaxial Adapter, SMA Male / SMB Jack
01/09/2020
LCAD30012 L-COM-LCAD30012 Datasheet
280Kb / 3P
Coaxial Adapter, BNC Tee Male / Female / Female
01/09/2020
LCAD30013 L-COM-LCAD30013 Datasheet
294Kb / 3P
Coaxial Adapter, SMA Female / BNC Female Bulkhead
01/09/2020
LCAD30014 L-COM-LCAD30014 Datasheet
279Kb / 3P
Coaxial Adapter, N Female / BNC Female
01/09/2020
More results


Similar Description - LCAD30018

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3285 POMONA-3285 Datasheet
23Kb / 1P
Adapter, BNC ?쏷??Female-Male-Female
4896 POMONA-4896 Datasheet
34Kb / 1P
BNC ?쏷??(Male-Female-Female) Coaxial Adapter
logo
Pasternack Enterprises,...
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
logo
Huber+Suhner, Inc.
33_BNC-50-0-1133_N HUBERSUHNER-33_BNC-50-0-1133_N Datasheet
456Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, plug / jack (male / female)
33_BNC-C-50-1133_U HUBERSUHNER-33_BNC-C-50-1133_U Datasheet
523Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, plug / jack (male / female)
33_BNC-QLA-01-11--_N HUBERSUHNER-33_BNC-QLA-01-11--_N Datasheet
518Kb / 2P
COAXIAL ADAPTER, BNC - QLA, X Ohm, plug / jack (male / female)
33_N-BNC-50-1133_U HUBERSUHNER-33_N-BNC-50-1133_U Datasheet
489Kb / 2P
COAXIAL ADAPTER, N - BNC, 50 Ohm, plug / jack (male / female)
33_N-BNC-75-1133_U HUBERSUHNER-33_N-BNC-75-1133_U Datasheet
482Kb / 2P
COAXIAL ADAPTER, N - BNC, 75 Ohm, plug / jack (male / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com