Electronic Components Datasheet Search
  English  ▼

X  

LCAD30015 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30015 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30015
Download  LCAD30015 Download
File Size   293.57 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, N Female / BNC Female 4 Hole Flange

LCAD30015 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30015 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30015
Download  LCAD30015 Click to download

File Size   293.57 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, N Female / BNC Female 4 Hole Flange

LCAD30015 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30015 Product details

Configuration
• N Female Connector 1
• BNC Female Connector 2
• Impedance 50 Ohm
• Straight Body Geometry
• 4 Hole Flange Mount Method

Features
• Provides Between Series N to BNC Connections
• Operates to 6 GHz
• Max VSWR of 1.2:1
• Gold Plated Center Contacts
• 4 Hole Flange Mount




Similar Part No. - LCAD30015

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30010 L-COM-LCAD30010 Datasheet
281Kb / 3P
Coaxial Adapter, SMA Male / SMB Plug
01/09/2020
LCAD30011 L-COM-LCAD30011 Datasheet
280Kb / 3P
Coaxial Adapter, SMA Male / SMB Jack
01/09/2020
LCAD30012 L-COM-LCAD30012 Datasheet
280Kb / 3P
Coaxial Adapter, BNC Tee Male / Female / Female
01/09/2020
LCAD30013 L-COM-LCAD30013 Datasheet
294Kb / 3P
Coaxial Adapter, SMA Female / BNC Female Bulkhead
01/09/2020
LCAD30014 L-COM-LCAD30014 Datasheet
279Kb / 3P
Coaxial Adapter, N Female / BNC Female
01/09/2020
More results


Similar Description - LCAD30015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9104 PASTERNACK-PE9104 Datasheet
256Kb / 3P
SMA Female to N Female 4 Hole Flange Adapter
PE9106 PASTERNACK-PE9106 Datasheet
255Kb / 3P
BNC Female to BNC Female 4 Hole Flange Adapter
PE9123 PASTERNACK-PE9123 Datasheet
245Kb / 2P
4 Hole Flange N Female to BNC Male Adapter
PE9173 PASTERNACK-PE9173 Datasheet
254Kb / 3P
N Female to N Female 4 Hole Flange Adapter
PE9238 PASTERNACK-PE9238 Datasheet
238Kb / 2P
N Female to BNC Female 4 Hole Flange Adapter
PE9367 PASTERNACK-PE9367 Datasheet
245Kb / 2P
75 Ohm BNC Female to BNC Female 4 Hole Flange Adapter
PE9388 PASTERNACK-PE9388 Datasheet
260Kb / 3P
N Male to BNC Female 4 Hole Flange Adapter
PE9552 PASTERNACK-PE9552 Datasheet
248Kb / 2P
N Female to TNC Female 4 Hole Flange Adapter
PE9553 PASTERNACK-PE9553 Datasheet
247Kb / 2P
4 Hole Flange N Female to HN Female Adapter
logo
Huber+Suhner, Inc.
37_BNC-50-0-1133_N HUBERSUHNER-37_BNC-50-0-1133_N Datasheet
492Kb / 2P
COAXIAL ADAPTER, BNC - N, 50 Ohm, Panel, jack / jack (female / female), flange mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com