Electronic Components Datasheet Search
  English  ▼

X  

TSI21 Datasheet (PDF) - Transko Electronics, Inc.

TSI21 Datasheet PDF - Transko Electronics, Inc.
Part # TSI21
Download  TSI21 Download
File Size   465.37 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)

TSI21 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSI21 Datasheet PDF - Transko Electronics, Inc.

Part # TSI21
Download  TSI21 Click to download

File Size   465.37 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)

TSI21 Datasheet (HTML) - Transko Electronics, Inc.


TSI21 Product details

FEATURES:
 CMOS OUTPUT @ 32.768kHz
 LOW VOLTAGE
 LOW CURRENT




Similar Part No. - TSI21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSI200B1 STMICROELECTRONICS-TSI200B1 Datasheet
162Kb / 9P
TERMINAL SET INTERFACE PROTECTION AND DIODE BRIDGE
Oct-2003
logo
Taiwan Semiconductor Co...
TSI20H100CW TSC-TSI20H100CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
TSI20H120CW TSC-TSI20H120CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
TSI20H150CW TSC-TSI20H150CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
TSI20H200CW TSC-TSI20H200CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
More results


Similar Description - TSI21

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
X21 EUROQUARTZ-X21 Datasheet
173Kb / 1P
2.0 x 1.6 x 0.6mm SMD
X21-W EUROQUARTZ-X21-W Datasheet
162Kb / 1P
2.0 x 1.6 x 0.6mm SMD
XO21 EUROQUARTZ-XO21 Datasheet
218Kb / 2P
2.0 x 1.6 x 0.75mm SMD HCMOS
logo
Transko Electronics, In...
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
CT21 TRANSKO-CT21 Datasheet
305Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (2.0 x 1.6 x 0.8mm)
Rev. 1: 10-10-19
TP21 TRANSKO-TP21 Datasheet
304Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)
Rev 1: 11-08-2021
TSI22 TRANSKO-TSI22 Datasheet
453Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015
TSI32 TRANSKO-TSI32 Datasheet
470Kb / 1P
MINIATURE SMD REAL TIME CLOCK (3.2 x 2.5 x 1.0mm)
Rev.7: Aug. 2015
TSI53 TRANSKO-TSI53 Datasheet
412Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TSM21 TRANSKO-TSM21 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (2.0 x 1.6 x 0.9mm)
Rev 4: 02-24-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com