Electronic Components Datasheet Search
  English  ▼

X  

TSI32 Datasheet (PDF) - Transko Electronics, Inc.

TSI32 Datasheet PDF - Transko Electronics, Inc.
Part # TSI32
Download  TSI32 Download
File Size   470.86 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD REAL TIME CLOCK (3.2 x 2.5 x 1.0mm)

TSI32 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSI32 Datasheet PDF - Transko Electronics, Inc.

Part # TSI32
Download  TSI32 Click to download

File Size   470.86 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD REAL TIME CLOCK (3.2 x 2.5 x 1.0mm)

TSI32 Datasheet (HTML) - Transko Electronics, Inc.


TSI32 Product details

FEATURES:
 HCMOS OUTPUT @ 32.768kHz
 LOW VOLTAGE
 LOW CURRENT




Similar Part No. - TSI32

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSI30H100CW TSC-TSI30H100CW Datasheet
244Kb / 5P
30A, 100V - 200V Trench Schottky Rectifiers
TSI30H120CW TSC-TSI30H120CW Datasheet
244Kb / 5P
30A, 100V - 200V Trench Schottky Rectifiers
TSI30H150CW TSC-TSI30H150CW Datasheet
244Kb / 5P
30A, 100V - 200V Trench Schottky Rectifiers
TSI30H200CW TSC-TSI30H200CW Datasheet
244Kb / 5P
30A, 100V - 200V Trench Schottky Rectifiers
logo
Integrated Device Techn...
TSI340 IDT-TSI340 Datasheet
667Kb / 149P
This chapter discusses the following topics about the Tsi340
More results


Similar Description - TSI32

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G326 EUROQUARTZ-G326 Datasheet
181Kb / 2P
3.2 x 2.5 x 1.0mm 6 pad SMD CMOS
logo
Transko Electronics, In...
TEI31 TRANSKO-TEI31 Datasheet
418Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 1.5 x 1.0mm)
Ver.1: Mar. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TSI21 TRANSKO-TSI21 Datasheet
465Kb / 1P
MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)
Rev.0: Mar. 2017
TSI22 TRANSKO-TSI22 Datasheet
453Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015
TSI53 TRANSKO-TSI53 Datasheet
412Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TX-I TRANSKO-TX-I Datasheet
181Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 4: 05-13-19
TX-M TRANSKO-TX-M Datasheet
468Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 1: Jul. 2014
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com