Electronic Components Datasheet Search
  English  ▼

X  

TSI53 Datasheet (PDF) - Transko Electronics, Inc.

TSI53 Datasheet PDF - Transko Electronics, Inc.
Part # TSI53
Download  TSI53 Download
File Size   412.41 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)

TSI53 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSI53 Datasheet PDF - Transko Electronics, Inc.

Part # TSI53
Download  TSI53 Click to download

File Size   412.41 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)

TSI53 Datasheet (HTML) - Transko Electronics, Inc.


TSI53 Product details

FEATURES:
 CMOS OUTPUT @ 32.768kHz
 LOW VOLTAGE / LOW CURRENT
 TRI-STATE FUNCTION AVAILABLE




Similar Part No. - TSI53

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
1k x 1k Time-Slot Interchanger
Revision 3 September 21, 2005
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
2k x 2k Time-Slot Interchanger
Revision 3 September 21, 2005
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
4k x 4k Time-Slot Interchanger
Revision 3 September 21, 2005
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
8K x 8K Time-Slot Interchanger
Revision 1 November 2, 2005
logo
Multicomp Pro
TSI-S04-1100-NAT MULTICOMP-TSI-S04-1100-NAT Datasheet
165Kb / 2P
Standard Wall PTFE Insulating Tubing
29/09/22 V1.0
More results


Similar Description - TSI53

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TEI31 TRANSKO-TEI31 Datasheet
418Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 1.5 x 1.0mm)
Ver.1: Mar. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TSI22 TRANSKO-TSI22 Datasheet
453Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015
TSI32 TRANSKO-TSI32 Datasheet
470Kb / 1P
MINIATURE SMD REAL TIME CLOCK (3.2 x 2.5 x 1.0mm)
Rev.7: Aug. 2015
TX-I TRANSKO-TX-I Datasheet
181Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 4: 05-13-19
TX-M TRANSKO-TX-M Datasheet
468Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 1: Jul. 2014
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com