Electronic Components Datasheet Search
  English  ▼

X  

TP21 Datasheet (PDF) - Transko Electronics, Inc.

TP21 Datasheet PDF - Transko Electronics, Inc.
Part # TP21
Download  TP21 Download
File Size   304.23 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)

TP21 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP21 Datasheet PDF - Transko Electronics, Inc.

Part # TP21
Download  TP21 Click to download

File Size   304.23 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)

TP21 Datasheet (HTML) - Transko Electronics, Inc.


TP21 Product details

FEATURES:
• CMOS PROGRAMMABLE OSCILLATOR
• MINITURE SMD PACKAGE WITH CMOS OUTPUT




Similar Part No. - TP21

ManufacturerPart #DatasheetDescription
logo
C&K Components
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AQ-E-2-2 CK-COMPONENTS-TP11-SH-AQ-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AR-E-2-2 CK-COMPONENTS-TP11-SH-AR-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
More results


Similar Description - TP21

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
X21 EUROQUARTZ-X21 Datasheet
173Kb / 1P
2.0 x 1.6 x 0.6mm SMD
X21-W EUROQUARTZ-X21-W Datasheet
162Kb / 1P
2.0 x 1.6 x 0.6mm SMD
XO21 EUROQUARTZ-XO21 Datasheet
218Kb / 2P
2.0 x 1.6 x 0.75mm SMD HCMOS
logo
TAITIEN ELECTRONICS CO....
XO-0093-OZ-TYPE-1 TAITIEN-XO-0093-OZ-TYPE-1 Datasheet
409Kb / 1P
2.0 x 1.6 mm SMD Crystal Oscillator
logo
Transko Electronics, In...
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TSI21 TRANSKO-TSI21 Datasheet
465Kb / 1P
MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)
Rev.0: Mar. 2017
TSM16 TRANSKO-TSM16 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)
Rev 1: 02-24-2022
TSM21 TRANSKO-TSM21 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (2.0 x 1.6 x 0.9mm)
Rev 4: 02-24-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com