Electronic Components Datasheet Search
  English  ▼

X  

AKD4352 Datasheet (PDF) - Asahi Kasei Microsystems

AKD4352 Datasheet PDF - Asahi Kasei Microsystems
Part # AKD4352
Download  AKD4352 Download
File Size   308.49 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.A FOR AK4352

AKD4352 Datasheet (PDF)

Go To PDF Page Download Datasheet
AKD4352 Datasheet PDF - Asahi Kasei Microsystems

Part # AKD4352
Download  AKD4352 Click to download

File Size   308.49 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.A FOR AK4352

AKD4352 Datasheet (HTML) - Asahi Kasei Microsystems


AKD4352 Product details

GENERAL DESCRIPTION
The AK4352 is an 18bit low voltage & power stereo DAC for digital audio system. The AK4352 uses the new developed Multi-Bit ∆Σ architecture, this new architecture achieves DR=94dB at low voltage operation. The AK4352 includes post filter with single-ended output and does not need any external parts. The AK4352 is suitable for the portable audio system like MD, etc as low power and small package.

FEATURES
• Multi-Bit ∆Σ DAC
• Sampling Rate Ranging: 8kHz ∼ 50kHz
• On chip post filter
• On chip Buffer with Single-ended Output
• On chip Perfect filtering 8 times FIR interpolator
    Passband: 20kHz
    Passband Ripple: ± 0.06dB
    Stopband Attenuation: 43dB
• Digital Audio I/F format: 2’s compliment, MSB first
    18bit MSB justified, 16/18bit LSB justified, I2S
• Digital de-emphasis for 44.1kHz sampling
• Master clock: 256fs or 384fs
• THD+N: -83dB@2V, -89dB@3V
• D-Range: 94dB@2V, 96dB@3V
• Output Voltage: 1.10Vpp@2V
• Low Voltage Operation: 2V (1.8 ∼ 3.6V)
• Low power Dissipation: 6mW@2V
• Very Small Package: 16pin TSSOP




Similar Part No. - AKD4352

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4352 AKM-AKD4352 Datasheet
88Kb / 13P
2V & LOW POWER MULTI-BIT DAC
More results


Similar Description - AKD4352

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
EVALUATION BOARD REV.A FOR AK4309B
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
EVALUATION BOARD REV.A FOR AK4353
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
EVALUATION BOARD REV.A FOR AK4363
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
EVALUATION BOARD REV.A FOR AK4380
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
EVALUATION BOARD REV.A FOR AK4523
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
EVALUATION BOARD REV.A FOR AK4524
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
EVALUATION BOARD REV.A FOR AK5393
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
Evaluation board Rev.A for AK5365
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com