Electronic Components Datasheet Search
  English  ▼

X  

AKD4584 Datasheet (PDF) - Asahi Kasei Microsystems

AKD4584 Datasheet PDF - Asahi Kasei Microsystems
Part # AKD4584
Download  AKD4584 Download
File Size   366.0 Kbytes
Page   41 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Evaluation board Rev.A for AK4584

AKD4584 Datasheet (PDF)

Go To PDF Page Download Datasheet
AKD4584 Datasheet PDF - Asahi Kasei Microsystems

Part # AKD4584
Download  AKD4584 Click to download

File Size   366.0 Kbytes
Page   41 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Evaluation board Rev.A for AK4584

AKD4584 Datasheet (HTML) - Asahi Kasei Microsystems


AKD4584 Product details

GENERAL DESCRIPTION
AK4584 is a high-performance 24-bit CODEC for 96kHz consumer audio and digital recording applications. The on-board analog-to-digital converter has an impressive dynamic range, thanks in part to AKM’s Enhanced Dual-Bit architecture. The DAC features the newly developed Advanced Multi-Bit architecture and achieves low out-of-band noise and high jitter tolerance through the use of Switched Capacitor Filter (SCF) technology

FEATURES
1. 24bit 2ch ADC
• fs: max 96kHz
• Single-end Input
• S/(N+D): 90dB
• Dynamic Range, S/N: 100dB
• Digital HPF for offset cancellation
• Input PGA with +18dB gain & 0.5dB step
• Input DATT with –72dB ATT
• I/F format: MSB justified or I2S
2. 24bit 2ch DAC
• fs: max 192kHz
• 24bit 8 times Digital Filter - Ripple: ±0.005dB, Attenuation: 75dB
• Single-end Output
• S/(N+D): 94dB
• Dynamic Range, S/N: 104dB
• De-emphasis for 32kHz, 44.1kHz, 48kHz sampling
• Digital Attenuator with soft-transition
• Soft Mute
• Zero Detect Function
• I/F format: MSB justified, LSB justified or I2S
3. 3 Outputs 24 bit 192kHz DIT
• 3-Channel Transmission Outputs (2 Through outputs & DIT Output)
• 40 bits Channel Status Buffer
4. 4 Inputs 24bit 192kHz DIR
• Supports AES3, IEC60958, S/PDIF, EIAJ CP1201
• Low Jitter Analog PLL
• PLL Lock Range: 32k ∼ 192kHz
• Clock Source: PLL or X’tal
• 4 Digital Receive Channel inputs
• Detect Function
    - Non-PCM Bit Stream Detection
    - DTS-CD Bit Stream Detection
    - Validity Flag Detection
    - Sampling Frequency Detection
    - Unlock & Parity Error Detection
• 40 bits Channel Status Buffer
• Burst Preamble bit Pc, Pd Buffer for Non-PCM bit Stream
5. Support External Audio Clock Input
• Master Clock Input
    - 256fs, 384fs, 512fs, 768fs (fs = 44.1kHz ∼ 48kHz)
    - 256fs, 384fs (fs = 88.2kHz ∼ 96kHz)
    - 128fs, 192fs (fs = 176.4kHz ∼ 192kHz)
6. Support Master & Slave Mode
7. Serial µP I/F: 4-wire serial
8. 5V operation
9. 3V Power Supply Pin for 3V I/F
10. 44pin LQFP Package
11. Ta: −10 to 70°C




Similar Part No. - AKD4584

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4584 AKM-AKD4584 Datasheet
328Kb / 53P
24Bit 96kHz Audio CODEC with DIT/DIR
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
the 24bit 96kHz CODEC
More results


Similar Description - AKD4584

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
EVALUATION BOARD REV.A FOR AK4309B
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
EVALUATION BOARD REV.A FOR AK4353
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
EVALUATION BOARD REV.A FOR AK4363
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
EVALUATION BOARD REV.A FOR AK4380
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
EVALUATION BOARD REV.A FOR AK4523
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
EVALUATION BOARD REV.A FOR AK4524
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
EVALUATION BOARD REV.A FOR AK5393
AKD4122 AKM-AKD4122 Datasheet
516Kb / 36P
Evaluation board Rev.A for AK4122
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
Evaluation board Rev.A for AK4569
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
Evaluation board Rev.A for AK5365
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com