Electronic Components Datasheet Search
  English  ▼

X  

AKD4380 Datasheet (PDF) - Asahi Kasei Microsystems

AKD4380 Datasheet PDF - Asahi Kasei Microsystems
Part # AKD4380
Download  AKD4380 Download
File Size   220.64 Kbytes
Page   21 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.A FOR AK4380

AKD4380 Datasheet (PDF)

Go To PDF Page Download Datasheet
AKD4380 Datasheet PDF - Asahi Kasei Microsystems

Part # AKD4380
Download  AKD4380 Click to download

File Size   220.64 Kbytes
Page   21 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.A FOR AK4380

AKD4380 Datasheet (HTML) - Asahi Kasei Microsystems


AKD4380 Product details

GENERAL DESCRIPTION
The AK4380 offers the perfect mix for cost and performance based audio systems. Using AKMs multi bit architecture for its modulator the AK4380 delivers a wide dynamic range while preserving linearity for improved THD+N performance. The AK4380 integrates a combination of SCF and CTF filters, removing the need for high cost external filters and increasing performance for systems with excessive clock jitter. The 24 Bit word length and 96kHz sampling rate make this part ideal for a wide range of applications including DVD and AC-3 systems. The AK4380 is offered in a space saving 16pin TSSOP package.

FEATURES
□ Sampling Rates Ranging from 8kHz to 96kHz
□ 128x Oversampling (Normal speed mode)
□ 64x Oversampling (Double speed mode)
□ 24Bit 8x FIR Digital Filter
□ 2nd order Analog LPF
□ On chip Buffer with Single End Output
□ Digital de-emphasis for 32k, 44.1k and 48kHz sampling
□ Soft mute
□ I/F format: 24bit MSB justified, 24/20/16bit LSB justified, I2S
□ Master clock: 256fs, 384fs, 512fs or 768fs (Normal speed mode) 128fs, 192fs, 256fs or 384fs (Double speed mode)
□ THD+N: -88dB
□ Dynamic Range: 100dB
□ High Tolerance to Clock Jitter
□ Power supply: 4.5 to 5.5V
□ Space Saving 16 Pin TSSOP (6.4mm x 5.0mm) Package




Similar Part No. - AKD4380

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4380 AKM-AKD4380 Datasheet
226Kb / 21P
100dB 24BIT 96kHz 2CH DAC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
96kHz sampling 24Bit?誇DAC
More results


Similar Description - AKD4380

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
EVALUATION BOARD REV.A FOR AK4309B
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
EVALUATION BOARD REV.A FOR AK4353
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
EVALUATION BOARD REV.A FOR AK4363
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
EVALUATION BOARD REV.A FOR AK4523
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
EVALUATION BOARD REV.A FOR AK4524
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
EVALUATION BOARD REV.A FOR AK5393
AKD4122 AKM-AKD4122 Datasheet
516Kb / 36P
Evaluation board Rev.A for AK4122
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
Evaluation board Rev.A for AK5365
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com