Electronic Components Datasheet Search
  English  ▼

X  

LCAD30024 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30024 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30024
Download  LCAD30024 Download
File Size   287.08 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, 78 Ohm BNC Twinax Tee Plug / Plug

LCAD30024 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30024 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30024
Download  LCAD30024 Click to download

File Size   287.08 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, 78 Ohm BNC Twinax Tee Plug / Plug

LCAD30024 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30024 Product details

Configuration
• BNC Twinax Plug Connector 1
• BNC Twinax Plug Connector 2
• Impedance 78 Ohm
• Straight Body Geometry

Features
• Provides In-Series BNC to BNC Connections
• Gold Plated Center Contacts




Similar Part No. - LCAD30024

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30020 L-COM-LCAD30020 Datasheet
368Kb / 3P
Coaxial Adapter, 78 Ohm BNC Twinax Jack / Jack Bulkhead
03/03/2022
LCAD30021 L-COM-LCAD30021 Datasheet
275Kb / 3P
Coaxial Adapter, SMB Tee Plug / Jack / Jack
01/14/2020
LCAD30022 L-COM-LCAD30022 Datasheet
278Kb / 3P
Coaxial Adapter, N Male / SMB Jack
01/14/2020
LCAD30023 L-COM-LCAD30023 Datasheet
277Kb / 3P
Coaxial Adapter, 78 Ohm BNC Twinax Tee Jack / Plug / Jack
01/09/2020
LCAD30025 L-COM-LCAD30025 Datasheet
276Kb / 3P
Coaxial Right Angle Adapter, 78 Ohm BNC Twinax Plug / Jack
01/14/2020
More results


Similar Description - LCAD30024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9375 PASTERNACK-PE9375 Datasheet
258Kb / 3P
BNC Twinax Tee Adapter Jack-Plug-Jack
PE9376 PASTERNACK-PE9376 Datasheet
248Kb / 2P
BNC Twinax Plug to BNC Twinax Plug Adapter
PE4236 PASTERNACK-PE4236 Datasheet
328Kb / 2P
BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4234 PASTERNACK-PE4234 Datasheet
319Kb / 2P
BNC Twinax Plug Connector Crimp - Solder Attachment For RG108, 78 Ohm Twinax
PE3480LF PASTERNACK-PE3480LF Datasheet
664Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable Using 78 Ohm RG108 Coax, RoHS
PE3480LF-18 PASTERNACK-PE3480LF-18 Datasheet
647Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 18 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE3480LF-300 PASTERNACK-PE3480LF-300 Datasheet
648Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 300 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE3480LF-900 PASTERNACK-PE3480LF-900 Datasheet
649Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 900 Inch Length Using 78 Ohm RG108 Coax, RoHS
logo
Huber+Suhner, Inc.
32_BNC-50-0-1133_N HUBERSUHNER-32_BNC-50-0-1133_N Datasheet
480Kb / 2P
COAXIAL ADAPTER, BNC - SMA, 50 Ohm, plug / plug (male / male)
32_BNC-N-75-1133_U HUBERSUHNER-32_BNC-N-75-1133_U Datasheet
477Kb / 2P
COAXIAL ADAPTER, BNC - N, 75 Ohm, plug / plug (male / male)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com