Electronic Components Datasheet Search
  English  ▼

X  

LCAD30022 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30022 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30022
Download  LCAD30022 Download
File Size   278.35 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, N Male / SMB Jack

LCAD30022 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30022 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30022
Download  LCAD30022 Click to download

File Size   278.35 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, N Male / SMB Jack

LCAD30022 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30022 Product details

Configuration
• N Male Connector 1
• SMB Jack Connector 2
• Impedance 50 Ohm
• Straight Body Geometry

Features
• Provides Between Series N to SMB Connections
• Gold Plated Center Contacts




Similar Part No. - LCAD30022

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30020 L-COM-LCAD30020 Datasheet
368Kb / 3P
Coaxial Adapter, 78 Ohm BNC Twinax Jack / Jack Bulkhead
03/03/2022
LCAD30021 L-COM-LCAD30021 Datasheet
275Kb / 3P
Coaxial Adapter, SMB Tee Plug / Jack / Jack
01/14/2020
LCAD30023 L-COM-LCAD30023 Datasheet
277Kb / 3P
Coaxial Adapter, 78 Ohm BNC Twinax Tee Jack / Plug / Jack
01/09/2020
LCAD30024 L-COM-LCAD30024 Datasheet
287Kb / 3P
Coaxial Adapter, 78 Ohm BNC Twinax Tee Plug / Plug
01/14/2020
LCAD30025 L-COM-LCAD30025 Datasheet
276Kb / 3P
Coaxial Right Angle Adapter, 78 Ohm BNC Twinax Plug / Jack
01/14/2020
More results


Similar Description - LCAD30022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9145 PASTERNACK-PE9145 Datasheet
234Kb / 2P
SMA Male to SMB Jack Adapter
PE9313 PASTERNACK-PE9313 Datasheet
252Kb / 2P
N Male to SMB Jack Adapter
PE9582 PASTERNACK-PE9582 Datasheet
252Kb / 2P
75 Ohm N Male to SMB Jack Adapter
logo
Huber+Suhner, Inc.
31_N-SMB-50-11--_U HUBERSUHNER-31_N-SMB-50-11--_U Datasheet
512Kb / 2P
COAXIAL ADAPTER, N - SMB, 50 Ohm, jack / jack (female / female)
32_N-SMB-50-11--_U HUBERSUHNER-32_N-SMB-50-11--_U Datasheet
475Kb / 2P
COAXIAL ADAPTER, N - SMB, 50 Ohm, plug / plug (male / male)
33_N-SMB-50-11--_U HUBERSUHNER-33_N-SMB-50-11--_U Datasheet
509Kb / 2P
COAXIAL ADAPTER, N - SMB, 50 Ohm, plug / jack (male / female)
31_SMB-50-0-1111_N HUBERSUHNER-31_SMB-50-0-1111_N Datasheet
476Kb / 2P
COAXIAL ADAPTER, SMB, 50 Ohm, jack / jack (female / female)
33_SMB-BNC-50-21--_U HUBERSUHNER-33_SMB-BNC-50-21--_U Datasheet
511Kb / 2P
COAXIAL ADAPTER, SMB - BNC, 50 Ohm, plug / jack (male / female)
33_SMB-N-50-11--_U HUBERSUHNER-33_SMB-N-50-11--_U Datasheet
496Kb / 2P
COAXIAL ADAPTER, SMB - N, 50 Ohm, plug / jack (male / female)
33_SMB-SMA-50-1111_U HUBERSUHNER-33_SMB-SMA-50-1111_U Datasheet
491Kb / 2P
COAXIAL ADAPTER, SMB - SMA, 50 Ohm, plug / jack (male / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com