Electronic Components Datasheet Search
  English  ▼

X  

LCAD30020 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30020 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30020
Download  LCAD30020 Download
File Size   368.23 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, 78 Ohm BNC Twinax Jack / Jack Bulkhead

LCAD30020 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30020 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30020
Download  LCAD30020 Click to download

File Size   368.23 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, 78 Ohm BNC Twinax Jack / Jack Bulkhead

LCAD30020 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30020 Product details

Configuration
• BNC Twinax Jack Connector 1
• BNC Twinax Jack Connector 2
• Impedance 78 Ohm
• Straight Body Geometry
• Bulkhead Mount Method

Features
• Provides In-Series BNC to BNC Connections
• Operates to 500 MHz
• Gold Plated Center Contacts
• Bulkhead Mount




Similar Part No. - LCAD30020

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30021 L-COM-LCAD30021 Datasheet
275Kb / 3P
Coaxial Adapter, SMB Tee Plug / Jack / Jack
01/14/2020
LCAD30022 L-COM-LCAD30022 Datasheet
278Kb / 3P
Coaxial Adapter, N Male / SMB Jack
01/14/2020
LCAD30023 L-COM-LCAD30023 Datasheet
277Kb / 3P
Coaxial Adapter, 78 Ohm BNC Twinax Tee Jack / Plug / Jack
01/09/2020
LCAD30024 L-COM-LCAD30024 Datasheet
287Kb / 3P
Coaxial Adapter, 78 Ohm BNC Twinax Tee Plug / Plug
01/14/2020
LCAD30025 L-COM-LCAD30025 Datasheet
276Kb / 3P
Coaxial Right Angle Adapter, 78 Ohm BNC Twinax Plug / Jack
01/14/2020
More results


Similar Description - LCAD30020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9378 PASTERNACK-PE9378 Datasheet
356Kb / 4P
BNC Twinax Jack to BNC Twinax Jack Adapter
logo
Huber+Suhner, Inc.
31_BNC-MMCX-50-11--_U HUBERSUHNER-31_BNC-MMCX-50-11--_U Datasheet
508Kb / 2P
COAXIAL ADAPTER, BNC - MMCX, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-50-0-1133_N HUBERSUHNER-34_BNC-50-0-1133_N Datasheet
506Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-50-0-1133_U HUBERSUHNER-34_BNC-50-0-1133_U Datasheet
506Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-50-0-6100_N HUBERSUHNER-34_BNC-50-0-6100_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-N-50-1133_U HUBERSUHNER-34_BNC-N-50-1133_U Datasheet
457Kb / 2P
COAXIAL ADAPTER, BNC - N, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-QLA-01-11--_U HUBERSUHNER-34_BNC-QLA-01-11--_U Datasheet
500Kb / 2P
COAXIAL ADAPTER, BNC - QLA, X Ohm, Bulkhead, jack / jack (female / female)
34_BNC-SMB-50-1133_N HUBERSUHNER-34_BNC-SMB-50-1133_N Datasheet
507Kb / 2P
COAXIAL ADAPTER, BNC - SMB, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-75-0-1133_N HUBERSUHNER-34_BNC-75-0-1133_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-75-0-2133_N HUBERSUHNER-34_BNC-75-0-2133_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, Bulkhead, jack / jack (female / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com