Electronic Components Datasheet Search
  English  ▼

X  

LCAD30008 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30008 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30008
Download  LCAD30008 Download
File Size   277.82 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, SMA Female / SMB Plug

LCAD30008 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30008 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30008
Download  LCAD30008 Click to download

File Size   277.82 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, SMA Female / SMB Plug

LCAD30008 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30008 Product details

Configuration
• SMA Female Connector 1
• SMB Plug Connector 2
• Impedance 50 Ohm
• Straight Body Geometry

Features
• Provides Between Series SMA to SMB Connections
• Operates to 4 GHz
• Max VSWR of 1.3:1
• Gold Plated Center Contacts




Similar Part No. - LCAD30008

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30001 L-COM-LCAD30001 Datasheet
276Kb / 3P
Coaxial, Adapter, BNC Female/Female
01/09/2020
LCAD30002 L-COM-LCAD30002 Datasheet
289Kb / 3P
Coaxial Adapter, BNC Female / Female Hermetically Sealed Bulkhead
01/09/2020
LCAD30003 L-COM-LCAD30003 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Female / UMCX Plug
04/27/2020
LCAD30004 L-COM-LCAD30004 Datasheet
282Kb / 3P
Coaxial Adapter, SMA Female / UMCX Jack
01/09/2020
LCAD30005 L-COM-LCAD30005 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Male / UMCX Jack
01/09/2020
More results


Similar Description - LCAD30008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9142 PASTERNACK-PE9142 Datasheet
249Kb / 3P
SMA Female to SMB Plug Adapter
PE9143 PASTERNACK-PE9143 Datasheet
250Kb / 3P
SMA Female to SMB Jack Adapter
logo
Amphenol Corporation
242144 AMPHENOL-242144 Datasheet
51Kb / 1P
SMA PLUG TO SMB JACK ADAPTER
logo
Linx Technologies
ADP-SMAF-SMBM-G LINX-ADP-SMAF-SMBM-G Datasheet
906Kb / 4P
SMA Jack to SMB Plug Adapter
2020
ADP-SMAM-SMBM-G LINX-ADP-SMAM-SMBM-G Datasheet
903Kb / 4P
SMA Plug to SMB Plug Adapter
2020
logo
Huber+Suhner, Inc.
33_N-SMB-50-11--_U HUBERSUHNER-33_N-SMB-50-11--_U Datasheet
509Kb / 2P
COAXIAL ADAPTER, N - SMB, 50 Ohm, plug / jack (male / female)
31_SMA-SMB-50-1111_U HUBERSUHNER-31_SMA-SMB-50-1111_U Datasheet
482Kb / 2P
COAXIAL ADAPTER, SMA - SMB, 50 Ohm, jack / jack (female / female)
33_SMB-BNC-50-21--_U HUBERSUHNER-33_SMB-BNC-50-21--_U Datasheet
511Kb / 2P
COAXIAL ADAPTER, SMB - BNC, 50 Ohm, plug / jack (male / female)
33_SMB-N-50-11--_U HUBERSUHNER-33_SMB-N-50-11--_U Datasheet
496Kb / 2P
COAXIAL ADAPTER, SMB - N, 50 Ohm, plug / jack (male / female)
33_SMB-SMA-50-1111_U HUBERSUHNER-33_SMB-SMA-50-1111_U Datasheet
491Kb / 2P
COAXIAL ADAPTER, SMB - SMA, 50 Ohm, plug / jack (male / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com