Electronic Components Datasheet Search
  English  ▼

X  

LCAD30001 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30001 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30001
Download  LCAD30001 Download
File Size   276.54 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial, Adapter, BNC Female/Female

LCAD30001 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30001 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30001
Download  LCAD30001 Click to download

File Size   276.54 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial, Adapter, BNC Female/Female

LCAD30001 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30001 Product details

Configuration
• BNC Female Connector 1
• BNC Female Connector 2
• Impedance 50 Ohm
• Straight Body Geometry

Features
• Provides In-Series BNC to BNC Connections
• Operates to 4 GHz
• Max VSWR of 1.3:1
• Gold Plated Center Contacts




Similar Part No. - LCAD30001

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30002 L-COM-LCAD30002 Datasheet
289Kb / 3P
Coaxial Adapter, BNC Female / Female Hermetically Sealed Bulkhead
01/09/2020
LCAD30003 L-COM-LCAD30003 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Female / UMCX Plug
04/27/2020
LCAD30004 L-COM-LCAD30004 Datasheet
282Kb / 3P
Coaxial Adapter, SMA Female / UMCX Jack
01/09/2020
LCAD30005 L-COM-LCAD30005 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Male / UMCX Jack
01/09/2020
LCAD30006 L-COM-LCAD30006 Datasheet
280Kb / 3P
Coaxial Adapter, RP-SMA Male / RP-SMA Female
01/09/2020
More results


Similar Description - LCAD30001

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4896 POMONA-4896 Datasheet
34Kb / 1P
BNC ?쏷??(Male-Female-Female) Coaxial Adapter
logo
Pasternack Enterprises,...
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
logo
Huber+Suhner, Inc.
31_BNC-50-0-1133_N HUBERSUHNER-31_BNC-50-0-1133_N Datasheet
492Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, jack / jack (female / female)
31_BNC-N-50-1133_U HUBERSUHNER-31_BNC-N-50-1133_U Datasheet
512Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, jack / jack (female / female)
31_BNC-N-75-1133_U HUBERSUHNER-31_BNC-N-75-1133_U Datasheet
511Kb / 2P
COAXIAL ADAPTER, BNC - N, 75 Ohm, jack / jack (female / female)
31_BNC-SMA-50-11--_U HUBERSUHNER-31_BNC-SMA-50-11--_U Datasheet
513Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, jack / jack (female / female)
34_BNC-50-0-1133_N HUBERSUHNER-34_BNC-50-0-1133_N Datasheet
506Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-50-0-6100_N HUBERSUHNER-34_BNC-50-0-6100_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-75-0-1133_N HUBERSUHNER-34_BNC-75-0-1133_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, Bulkhead, jack / jack (female / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com