Electronic Components Datasheet Search
  English  ▼

X  

LCAD30005 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30005 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30005
Download  LCAD30005 Download
File Size   283.12 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, SMA Male / UMCX Jack

LCAD30005 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30005 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30005
Download  LCAD30005 Click to download

File Size   283.12 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, SMA Male / UMCX Jack

LCAD30005 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30005 Product details

Configuration
• SMA Male Connector 1
• UMCX Jack Connector 2
• Impedance 50 Ohm
• Straight Body Geometry

Features
• Provides Between Series SMA to UMCX Connections
• Operates to 6 GHz
• Max VSWR of 1.3:1
• Gold Plated Center Contacts




Similar Part No. - LCAD30005

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30001 L-COM-LCAD30001 Datasheet
276Kb / 3P
Coaxial, Adapter, BNC Female/Female
01/09/2020
LCAD30002 L-COM-LCAD30002 Datasheet
289Kb / 3P
Coaxial Adapter, BNC Female / Female Hermetically Sealed Bulkhead
01/09/2020
LCAD30003 L-COM-LCAD30003 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Female / UMCX Plug
04/27/2020
LCAD30004 L-COM-LCAD30004 Datasheet
282Kb / 3P
Coaxial Adapter, SMA Female / UMCX Jack
01/09/2020
LCAD30006 L-COM-LCAD30006 Datasheet
280Kb / 3P
Coaxial Adapter, RP-SMA Male / RP-SMA Female
01/09/2020
More results


Similar Description - LCAD30005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91006 PASTERNACK-PE91006 Datasheet
252Kb / 3P
SMA Female to UMCX Jack Adapter
PE91007 PASTERNACK-PE91007 Datasheet
251Kb / 3P
SMA Male to UMCX Jack Adapter
logo
Huber+Suhner, Inc.
33_ARC-SMA-50-1111_N HUBERSUHNER-33_ARC-SMA-50-1111_N Datasheet
507Kb / 2P
COAXIAL ADAPTER, ARC - SMA, 50 Ohm, plug / jack (male / female)
33_BNC-SMA-50-11--_N HUBERSUHNER-33_BNC-SMA-50-11--_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, BNC - SMA, 50 Ohm, plug / jack (male / female)
33_BNC-SMA-50-11--_U HUBERSUHNER-33_BNC-SMA-50-11--_U Datasheet
1Mb / 2P
COAXIAL ADAPTER, BNC - SMA, 50 Ohm, plug / jack (male / female)
33_MCX-SMA-50-1111_U HUBERSUHNER-33_MCX-SMA-50-1111_U Datasheet
512Kb / 2P
COAXIAL ADAPTER, MCX - SMA, 50 Ohm, plug / jack (male / female)
33_SMA-BNC-50-11--_N HUBERSUHNER-33_SMA-BNC-50-11--_N Datasheet
510Kb / 2P
COAXIAL ADAPTER, SMA - BNC, 50 Ohm, plug / jack (male / female)
33_SMA-50-0-1111_N HUBERSUHNER-33_SMA-50-0-1111_N Datasheet
456Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, plug / jack (male / female)
33_SMA-50-0-51199_N HUBERSUHNER-33_SMA-50-0-51199_N Datasheet
475Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, plug / jack (male / female)
33_SMA-Q50-0-41-9_N HUBERSUHNER-33_SMA-Q50-0-41-9_N Datasheet
495Kb / 2P
COAXIAL ADAPTER, SMA Quick-mate - SMA, 50 Ohm, plug / jack (male / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com