Electronic Components Datasheet Search
  English  ▼

X  

LCAD30007 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAD30007 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAD30007
Download  LCAD30007 Download
File Size   278.96 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, RP-SMA Female / RP-SMA Female

LCAD30007 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAD30007 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAD30007
Download  LCAD30007 Click to download

File Size   278.96 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Coaxial Adapter, RP-SMA Female / RP-SMA Female

LCAD30007 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAD30007 Product details

Configuration
• SMA Female Reverse Polarity Connector 1
• SMA Female Reverse Polarity Connector 2
• Impedance 50 Ohm
• Straight Body Geometry

Features
• Provides In-Series Reverse Polarity SMA to Reverse Polarity
SMA Connections
• Operates to 4 GHz
• Max VSWR of 1.35:1
• Gold Plated Center Contacts




Similar Part No. - LCAD30007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAD30001 L-COM-LCAD30001 Datasheet
276Kb / 3P
Coaxial, Adapter, BNC Female/Female
01/09/2020
LCAD30002 L-COM-LCAD30002 Datasheet
289Kb / 3P
Coaxial Adapter, BNC Female / Female Hermetically Sealed Bulkhead
01/09/2020
LCAD30003 L-COM-LCAD30003 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Female / UMCX Plug
04/27/2020
LCAD30004 L-COM-LCAD30004 Datasheet
282Kb / 3P
Coaxial Adapter, SMA Female / UMCX Jack
01/09/2020
LCAD30005 L-COM-LCAD30005 Datasheet
283Kb / 3P
Coaxial Adapter, SMA Male / UMCX Jack
01/09/2020
More results


Similar Description - LCAD30007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP-SMAM-RPSF ETC2-ADP-SMAM-RPSF Datasheet
120Kb / 1P
SMA MALE TO RP-SMA FEMALE ADAPTOR
CONREVSMA001 ETC2-CONREVSMA001 Datasheet
143Kb / 1P
RP-SMA FEMALE PCB MOUNT
CONREVSMA002 ETC2-CONREVSMA002 Datasheet
146Kb / 1P
RP-SMA FEMALE RIGHT ANGLE PCB MOUNT
CONREVSMA003.062 ETC2-CONREVSMA003.062 Datasheet
149Kb / 1P
RP-SMA FEMALE EDGE MOUNT RP-SMA FEMALE EDGE MOUNT
CONREVSMA008 ETC2-CONREVSMA008 Datasheet
255Kb / 1P
RP-SMA FEMALE PCB MOUNT EXTENDED
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
logo
Linx Technologies
ADP-RPSM-SMAF-G LINX-ADP-RPSM-SMAF-G Datasheet
292Kb / 2P
ADAPTER, RP-SMA PLUG (FEMALE SOCKET) TO SMA JACK (FEMALE SOCKET), GOLD
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
CONREVSMA008-G LINX-CONREVSMA008-G Datasheet
284Kb / 2P
RP-SMA FEMALE PCB MOUNT EXTENDED
21/JAN/19
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com