Electronic Components Datasheet Search
  English  ▼

X  

85369090 Datasheet (PDF) - TUK Ltd

85369090 Datasheet PDF - TUK Ltd
Part # 85369090
Download  85369090 Download
File Size   2103.26 Kbytes
Page   3 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description Contractor Grade DIN Rail Keystone Adapter

85369090 Datasheet (PDF)

Go To PDF Page Download Datasheet
85369090 Datasheet PDF - TUK Ltd

Part # 85369090
Download  85369090 Click to download

File Size   2103.26 Kbytes
Page   3 Pages
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd
Description Contractor Grade DIN Rail Keystone Adapter

85369090 Datasheet (HTML) - TUK Ltd


85369090 Product details

Features:
• Designed for standard 35mm wide DIN rails
• Easily mountable side by side on DIN rail.
• Keystone mount can be reversed for alternative cable entry and exit angles
• Suitable for shielded and unshielded keystones
• Extremely durable and fits well with coupler/socket
• Installation does not require any special tools – the adaptor slides or clips easily onto the DIN rail




Similar Part No. - 85369090

ManufacturerPart #DatasheetDescription
logo
I.L.M.E. S.p.A.
85369095 ILME-85369095 Datasheet
248Kb / 2P
female insert, 20 poles, crimp connections, 16A 500V, 6kV, 3, 2 modules, modular units series MIXO
logo
ROSE Systemtechnik GmbH
85369095 ROSE-85369095 Datasheet
601Kb / 3P
Aluminium Enclosure Standard 140 x 200 x 91 mm
logo
I.L.M.E. S.p.A.
85369095 ILME-85369095 Datasheet
70Kb / 2P
10A CD contacts, gold plated, 1,50mmq, AWG 16
More results


Similar Description - 85369090

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRK1 CRYDOM-DRK1_17 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
logo
PHOENIX CONTACT
2902078 PHOENIX-2902078 Datasheet
50Kb / 1P
DIN rail adapter - EEM-MKT-DRA
logo
M-System Co.,Ltd.
A34 MSYSTEM-A34 Datasheet
113Kb / 3P
DIN RAIL MOUNTING ADAPTER
logo
HARTING Technology Grou...
09-10-000-9912 HARTING-09-10-000-9912 Datasheet
491Kb / 1P
Han 1A-Din rail adapter
09-10-000-9911 HARTING-09-10-000-9911 Datasheet
483Kb / 1P
Han 1A-Din rail adapter
logo
PHOENIX CONTACT
1041740 PHOENIX-1041740 Datasheet
134Kb / 10P
DIN rail adapter - NBC-PP-G1PGY
09/11/2020
1178237 PHOENIX-1178237 Datasheet
46Kb / 2P
DIN rail adapter - FL RMS 20
01/13/2022
2864671 PHOENIX-2864671 Datasheet
52Kb / 2P
Adapter - MCR-DIN-RAIL-ADAPTER HT
09/12/2020
2701133 PHOENIX-2701133 Datasheet
171Kb / 4P
DIN rail adapter - FL EPA RMS
Dec 6, 2022
2832519 PHOENIX-2832519 Datasheet
139Kb / 4P
DIN rail adapter - FL RA SF8
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com