Electronic Components Datasheet Search
  English  ▼

X  

85369095 Datasheet (PDF) - I.L.M.E. S.p.A.

85369095 Datasheet PDF - I.L.M.E. S.p.A.
Part # 85369095
Download  85369095 Download
File Size   70.96 Kbytes
Page   2 Pages
Manufacturer  ILME [I.L.M.E. S.p.A.]
Direct Link  www.ilme.com
Logo ILME - I.L.M.E. S.p.A.
Description 10A CD contacts, gold plated, 1,50mmq, AWG 16

85369095 Datasheet (PDF)

Go To PDF Page Download Datasheet
85369095 Datasheet PDF - I.L.M.E. S.p.A.

Part # 85369095
Download  85369095 Click to download

File Size   70.96 Kbytes
Page   2 Pages
Manufacturer  ILME [I.L.M.E. S.p.A.]
Direct Link  www.ilme.com
Logo ILME - I.L.M.E. S.p.A.
Description 10A CD contacts, gold plated, 1,50mmq, AWG 16

85369095 Datasheet (HTML) - I.L.M.E. S.p.A.


85369095 Product details

Brief description:
10A CD contacts, gold plated, 1,50mmq, AWG 16




Similar Part No. - 85369095

ManufacturerPart #DatasheetDescription
logo
I.L.M.E. S.p.A.
85369095 ILME-85369095 Datasheet
248Kb / 2P
female insert, 20 poles, crimp connections, 16A 500V, 6kV, 3, 2 modules, modular units series MIXO
logo
ROSE Systemtechnik GmbH
85369095 ROSE-85369095 Datasheet
601Kb / 3P
Aluminium Enclosure Standard 140 x 200 x 91 mm
More results


Similar Description - 85369095

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7057 POMONA-7057 Datasheet
167Kb / 2P
Gold plated center contacts.
logo
Molex Electronics Ltd.
0357607100 MOLEX5-0357607100 Datasheet
162Kb / 3P
Wire Splice, 16-20 AWG, Un-Plated
0357607200 MOLEX5-0357607200 Datasheet
162Kb / 3P
Wire Splice, 12-16 AWG, Un-Plated
logo
Assmann Electronics Inc...
ADIP10-G-LC-R ASSMANN-ADIP10-G-LC-R Datasheet
348Kb / 1P
DIP Connector, 2.54 x 7.62MM, 10 Contacts, Gold Plated
logo
E-SWITCH
K200260 E-SWITCH-K200260 Datasheet
113Kb / 1P
TERMINAL AND CONTACTS: GOLD PLATED COPPER ALLOY
logo
Skyworks Solutions Inc.
SKY77526 SKYWORKS-SKY77526 Datasheet
64Kb / 2P
Gold-plated, lead-free contacts
logo
Molex Electronics Ltd.
0936010048 MOLEX1-0936010048 Datasheet
38Kb / 1P
GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Gold (Au) Plated Copper Alloy, 1.50mm짼 (16 AWG), 100 per Bag
0936010060 MOLEX1-0936010060 Datasheet
36Kb / 1P
GWconnect Turned Crimp Contact for 10A Inserts and Modules, Male, Gold (Au) Plated Copper Alloy, 1.50mm짼 (16 AWG), 100 per Bag
0194200003 MOLEX1-0194200003_18 Datasheet
36Kb / 1P
MX150L Female Terminal for 14-16 AWG Wire, Gold Plated, Metal Strip Carrier
logo
Ningbo Tianbo Ganglian ...
HJQ-13F-2C TIANBO-HJQ-13F-2C Datasheet
1Mb / 3P
10A transfer contacts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com