Electronic Components Datasheet Search
  English  ▼

X  

85369095 Datasheet (PDF) - I.L.M.E. S.p.A.

85369095 Datasheet PDF - I.L.M.E. S.p.A.
Part # 85369095
Download  85369095 Download
File Size   248.41 Kbytes
Page   2 Pages
Manufacturer  ILME [I.L.M.E. S.p.A.]
Direct Link  www.ilme.com
Logo ILME - I.L.M.E. S.p.A.
Description female insert, 20 poles, crimp connections, 16A 500V, 6kV, 3, 2 modules, modular units series MIXO

85369095 Datasheet (PDF)

Go To PDF Page Download Datasheet
85369095 Datasheet PDF - I.L.M.E. S.p.A.

Part # 85369095
Download  85369095 Click to download

File Size   248.41 Kbytes
Page   2 Pages
Manufacturer  ILME [I.L.M.E. S.p.A.]
Direct Link  www.ilme.com
Logo ILME - I.L.M.E. S.p.A.
Description female insert, 20 poles, crimp connections, 16A 500V, 6kV, 3, 2 modules, modular units series MIXO

85369095 Datasheet (HTML) - I.L.M.E. S.p.A.


85369095 Product details

Product description
Model female insert
Version Crimp connection
Product type for female contacts 16A
Family MIXO series, customizable inserts
Size 2 modules
N. of poles 20 poles




Similar Part No. - 85369095

ManufacturerPart #DatasheetDescription
logo
ROSE Systemtechnik GmbH
85369095 ROSE-85369095 Datasheet
601Kb / 3P
Aluminium Enclosure Standard 140 x 200 x 91 mm
logo
I.L.M.E. S.p.A.
85369095 ILME-85369095 Datasheet
70Kb / 2P
10A CD contacts, gold plated, 1,50mmq, AWG 16
More results


Similar Description - 85369095

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0936010141 MOLEX1-0936010141 Datasheet
34Kb / 1P
GWconnect Crimp Contact Insert, Female, 10-Pole, 16A, for Crimp Contacts, Size 10A
0936010151 MOLEX1-0936010151 Datasheet
35Kb / 1P
GWconnect Crimp Contact Insert, Female, 16-Pole, 16A, Numbered 1-16, for Crimp Contacts
0936010214 MOLEX1-0936010214 Datasheet
43Kb / 1P
GWconnect Crimp Contact Insert, Female, 6-Pole, 16A, for Crimp Contacts, Size 6B
0936010236 MOLEX1-0936010236 Datasheet
43Kb / 1P
GWconnect Crimp Contact Insert, Female, 10-Pole, 16A, for Crimp Contacts, Size 10B
0936010237 MOLEX1-0936010237 Datasheet
44Kb / 1P
GWconnect Crimp Contact Insert, Female, 10-Pole, 16A, for Crimp Contacts, Size 6B
0936010271 MOLEX1-0936010271 Datasheet
43Kb / 1P
GWconnect Crimp Contact Insert, Female, 16-Pole, 16A, Numbered 1-16, for Crimp contacts
0936010283 MOLEX1-0936010283 Datasheet
44Kb / 1P
GWconnect Crimp Contact Insert, Female, 18-Pole, 16A, for Crimp Contacts, Size 10B
0936010318 MOLEX1-0936010318 Datasheet
44Kb / 1P
GWconnect Crimp Contact Insert, Female, 32-Pole, 16A, Numbered 1-32, for Crimp Contacts
0936010435 MOLEX1-0936010435 Datasheet
40Kb / 1P
GWconnect Crimp Contact Insert, Female, 5-Pole, 16A, for Crimp Contacts, Size 3A
0936010445 MOLEX1-0936010445 Datasheet
40Kb / 1P
GWconnect Crimp Contact Insert, Female, 8-Pole, 16A, for Crimp Contacts, Size QD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com