Electronic Components Datasheet Search
  English  ▼

X  

TPS7A57 Datasheet (PDF) - Texas Instruments

TPS7A57 Datasheet PDF - Texas Instruments
Part # TPS7A57
Download  TPS7A57 Download
File Size   7162.28 Kbytes
Page   96 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A57-Q1 Automotive, 5A, Low-VIN, Low-Noise, High-Accuracy, Ultra-Low Dropout (LDO) Voltage Regulator

TPS7A57 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A57 Datasheet PDF - Texas Instruments

Part # TPS7A57
Download  TPS7A57 Click to download

File Size   7162.28 Kbytes
Page   96 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A57-Q1 Automotive, 5A, Low-VIN, Low-Noise, High-Accuracy, Ultra-Low Dropout (LDO) Voltage Regulator

TPS7A57 Datasheet (HTML) - Texas Instruments


TPS7A57 Product details

1 Features
• AEC-Q100 Qualified for Automotive Applications
– Temperature Grade 1: -40oC ≤ TA≤ +125oC
• Input voltage range:
– Without BIAS: 1.1V to 6.0V
– With BIAS: 0.7V to 6.0V
• Output voltage noise: 2.45μVRMS
• 1% (max) accuracy over line, load, and
temperature
• Low dropout: 75mV at 5A
• Power-supply rejection ratio (5A):
– 100dB at 1kHz
– 78dB at 10kHz
– 60dB at 100kHz
– 36dB at 1MHz
• Superior load transient response:
– ±2mV with a 100mA to 5A load step
• Adjustable output voltage with one resistor:
– Adjustable output voltage range: 0.5V to 5.2V
• Adjustable soft-start inrush control
• BIAS rail:
– Internal charge pump or 3V to 11V external rail
– Internal charge pump can be disabled
• Open-drain, power-good (PG) output
• Package: 3mm × 3mm, 16-pin WQFN
– EVM RθJA: 21.9°C/W

2 Applications
• High-performance compute
• Automotive radar
• Domain gateway
• Zone control module

3 Description
The TPS7A57-Q1 is a low-noise (2.45μVRMS),
ultra-low-dropout linear regulator (LDO) capable of
sourcing 5A with only 75mV of dropout, independently
of the output voltage. The device output voltage
is adjustable from 0.5V to 5.2V using a single
external resistor. The combination of low noise,
high PSRR (36dB at 1MHz), and high outputcurrent
capability makes the TPS7A57 designed
for powering noise-sensitive components (such as
RF amplifiers, radar sensors, SERDES and analog
chipsets) found in radar power, communication, and
imaging applications.
Digital loads [such as application-specific integrated
circuits (ASICs), field-programmable gate arrays
(FPGAs), and digital signal processors (DSPs)]
requiring low-input, low-output (LILO) voltage
operation also benefit from the exceptional accuracy
(1% over load, line, and temperature), remote
sensing, excellent transient performance, and
soft-start capabilities to provide optimal system
performance. The versatility, performance, and small
footprint solution make this LDO an excellent choice
for high-current analog loads such as analog-todigital
converters (ADCs), digital-to-analog converters
(DACs), and imaging sensors as well as digital loads
such as serializer/deserializers (SerDes), FPGAs, and
DSPs.




Similar Part No. - TPS7A57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A57 TI-TPS7A57 Datasheet
7Mb / 86P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
TPS7A57 TI2-TPS7A57 Datasheet
7Mb / 88P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
TPS7A5701RTER TI-TPS7A5701RTER Datasheet
7Mb / 86P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
TPS7A5701RTER TI2-TPS7A5701RTER Datasheet
7Mb / 88P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
TPS7A5701RTER.A TI2-TPS7A5701RTER.A Datasheet
7Mb / 88P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
More results


Similar Description - TPS7A57

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
5A, Low VIN, Low VOUT uCap LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCP3334A ONSEMI-NCP3334A Datasheet
161Kb / 8P
Ultra High Accuracy Low Dropout Regulator
September, 2015 ??Rev. 1
logo
AiT Semiconductor Inc.
A6110B AITSEMI-A6110B Datasheet
705Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR 1A ULTRA-LOW VIN
REV1.1
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
logo
Texas Instruments
TPS7A57 TI-TPS7A57 Datasheet
7Mb / 86P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
TPS7A53A-Q1 TI-TPS7A53A-Q1 Datasheet
2Mb / 28P
TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
Texas Instruments
TPS7A53A-Q1 TI-TPS7A53A-Q1_V01 Datasheet
1Mb / 33P
TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
TPS7A53B TI-TPS7A53B Datasheet
1Mb / 35P
TPS7A53B 3-A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator
AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com