Electronic Components Datasheet Search
  English  ▼

X  

TPS7A57 Datasheet (PDF) - Texas Instruments

TPS7A57 Datasheet PDF - Texas Instruments
Part # TPS7A57
Download  TPS7A57 Download
File Size   8102.84 Kbytes
Page   88 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator

TPS7A57 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A57 Datasheet PDF - Texas Instruments

Part # TPS7A57
Download  TPS7A57 Click to download

File Size   8102.84 Kbytes
Page   88 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator

TPS7A57 Datasheet (HTML) - Texas Instruments


TPS7A57 Product details

1 Features
• Input voltage range:
– Without BIAS: 1.1 V to 6.0 V
– With BIAS: 0.7 V to 6.0 V
• Output voltage noise: 2.45 μVRMS
• 1% (max) accuracy over line, load, and
temperature
• Low dropout: 75 mV at 5 A
• Power-supply rejection ratio (5 A):
– 100 dB at 1 kHz
– 78 dB at 10 kHz
– 60 dB at 100 kHz
– 36 dB at 1 MHz
• Superior load transient response:
– ±2 mV with a 100-mA to 5-A load step
• Adjustable output voltage range: 0.5 V to 5.2 V
• Adjustable soft-start inrush control
• BIAS rail:
– Internal charge pump or 3-V to 11-V external
rail
– Internal charge pump can be disabled
• Open-drain, power-good (PG) output
• Package: 3-mm × 3-mm, 16-pin WQFN
– EVM RθJA: 21.9°C/W

2 Applications
• Macro remote radio units (RRU)
• Outdoor backhaul units
• Active antenna system mMIMO (AAS)
• Ultrasound scanners
• Lab and field instrumentation
• Sensor, imaging, and radar

3 Description
The TPS7A57 is a low-noise (2.45 μVRMS), ultra-lowdropout
linear regulator (LDO) capable of sourcing
A with only 75 mV of dropout, independently
of the output voltage. The device output voltage
is adjustable from 0.5 V to 5.2 V using a single
external resistor. The combination of low noise,
high PSRR (36 dB at 1 MHz), and high outputcurrent
capability makes the TPS7A57 designed
for powering noise-sensitive components (such as
RF amplifiers, radar sensors, SERDES and analog
chipsets) found in radar power, communication, and
imaging applications.
Digital loads [such as application-specific integrated
circuits (ASICs), field-programmable gate arrays
FPGAs), and digital signal processors (DSPs)]
requiring low-input, low-output (LILO) voltage
operation also benefit from the exceptional accuracy
1% over load, line, and temperature), remote
sensing, excellent transient performance, and
soft-start capabilities to provide optimal system
performance. The versatility, performance, and small
footprint solution make this LDO an excellent choice
for high-current analog loads such as analog-todigital
converters (ADCs), digital-to-analog converters
DACs), and imaging sensors as well as digital loads
such as serializer/deserializers (SerDes), FPGAs, and
DSPs.




Similar Part No. - TPS7A57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A57 TI-TPS7A57 Datasheet
7Mb / 86P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
TPS7A57 TI2-TPS7A57 Datasheet
6Mb / 96P
TPS7A57-Q1 Automotive, 5A, Low-VIN, Low-Noise, High-Accuracy, Ultra-Low Dropout (LDO) Voltage Regulator
JANUARY 2026
TPS7A57-Q1 TI2-TPS7A57-Q1 Datasheet
6Mb / 96P
TPS7A57-Q1 Automotive, 5A, Low-VIN, Low-Noise, High-Accuracy, Ultra-Low Dropout (LDO) Voltage Regulator
JANUARY 2026
TPS7A5701QWRTERQ1 TI2-TPS7A5701QWRTERQ1 Datasheet
6Mb / 96P
TPS7A57-Q1 Automotive, 5A, Low-VIN, Low-Noise, High-Accuracy, Ultra-Low Dropout (LDO) Voltage Regulator
JANUARY 2026
TPS7A5701RTER TI-TPS7A5701RTER Datasheet
7Mb / 86P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
More results


Similar Description - TPS7A57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A14 TI-TPS7A14 Datasheet
3Mb / 33P
TPS7A14 1-A, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
DECEMBER 2021
logo
ON Semiconductor
NCP59763 ONSEMI-NCP59763 Datasheet
5Mb / 35P
LDO Regulator, 3 A, High Accuracy (1%), Low Noise (4.3 VRMS), Low Dropout (70 mV)
June, 2021 ??Rev. 4
logo
Texas Instruments
TPS7A14 TI-TPS7A14_V01 Datasheet
2Mb / 33P
TPS7A14 1-A, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED MAY 2022
TPS7A57 TI-TPS7A57 Datasheet
7Mb / 86P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
Texas Instruments
TPS7A14 TI1-TPS7A14_V02 Datasheet
3Mb / 38P
TPS7A14 1-A, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
AUGUST 2023
TPS7A53B TI-TPS7A53B Datasheet
1Mb / 35P
TPS7A53B 3-A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator
AUGUST 2023
TPS7A14 TI-TPS7A14_V03 Datasheet
3Mb / 38P
TPS7A14 1-A, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com