Electronic Components Datasheet Search
  English  ▼

X  

TPS7A57 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS7A57 Datasheet PDF - Texas Instruments
Part # TPS7A57
Download  TPS7A57 Download
File Size   8092.81 Kbytes
Page   86 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator

TPS7A57 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A57 Datasheet PDF - Texas Instruments

Part # TPS7A57
Download  TPS7A57 Click to download

File Size   8092.81 Kbytes
Page   86 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator

TPS7A57 Datasheet (HTML) - Texas Instruments


TPS7A57 Product details

1 Features
• Input voltage range:
– Without BIAS: 1.1 V to 6.0 V
– With BIAS: 0.7 V to 6.0 V
• Output voltage noise: 2.45 μVRMS
• 1% (max) accuracy over line, load, and
temperature
• Low dropout: 75 mV at 5 A
• Power-supply rejection ratio (5 A):
– 100 dB at 1 kHz
– 78 dB at 10 kHz
– 60 dB at 100 kHz
– 36 dB at 1 MHz
• Superior load transient response:
– ±2 mV with a 100-mA to 5-A load step
• Adjustable output voltage range: 0.5 V to 5.2 V
• Adjustable soft-start inrush control
• BIAS rail:
– Internal charge pump or 3-V to 11-V external
rail
– Internal charge pump can be disabled
• Open-drain, power-good (PG) output
• Package: 3-mm × 3-mm, 16-pin WQFN
– EVM RθJA: 21.9°C/W

2 Applications
• Macro remote radio units (RRU)
• Outdoor backhaul units
• Active antenna system mMIMO (AAS)
• Ultrasound scanners
• Lab and field instrumentation
• Sensor, imaging, and radar

3 Description
The TPS7A57 is a low-noise (2.45 μVRMS), ultra-lowdropout
linear regulator (LDO) capable of sourcing
5 A with only 75 mV of dropout, independently
of the output voltage. The device output voltage
is adjustable from 0.5 V to 5.2 V using a single
external resistor. The combination of low noise,
high PSRR (36 dB at 1 MHz), and high outputcurrent
capability makes the TPS7A57 designed
for powering noise-sensitive components (such as
RF amplifiers, radar sensors, SERDES and analog
chipsets) found in radar power, communication, and
imaging applications.
Digital loads [such as application-specific integrated
circuits (ASICs), field-programmable gate arrays
(FPGAs), and digital signal processors (DSPs)]
requiring low-input, low-output (LILO) voltage
operation also benefit from the exceptional accuracy
(1% over load, line, and temperature), remote
sensing, excellent transient performance, and
soft-start capabilities to provide optimal system
performance. The versatility, performance, and small
footprint solution make this LDO an excellent choice
for high-current analog loads such as analog-todigital
converters (ADCs), digital-to-analog converters
(DACs), and imaging sensors as well as digital loads
such as serializer/deserializers (SerDes), FPGAs, and
DSPs.




Similar Part No. - TPS7A57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A57 TI2-TPS7A57 Datasheet
7Mb / 88P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
TPS7A57 TI2-TPS7A57 Datasheet
6Mb / 96P
TPS7A57-Q1 Automotive, 5A, Low-VIN, Low-Noise, High-Accuracy, Ultra-Low Dropout (LDO) Voltage Regulator
JANUARY 2026
TPS7A57-Q1 TI2-TPS7A57-Q1 Datasheet
6Mb / 96P
TPS7A57-Q1 Automotive, 5A, Low-VIN, Low-Noise, High-Accuracy, Ultra-Low Dropout (LDO) Voltage Regulator
JANUARY 2026
TPS7A5701QWRTERQ1 TI2-TPS7A5701QWRTERQ1 Datasheet
6Mb / 96P
TPS7A57-Q1 Automotive, 5A, Low-VIN, Low-Noise, High-Accuracy, Ultra-Low Dropout (LDO) Voltage Regulator
JANUARY 2026
TPS7A5701RTER TI2-TPS7A5701RTER Datasheet
7Mb / 88P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
More results


Similar Description - TPS7A57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A14 TI-TPS7A14 Datasheet
3Mb / 33P
TPS7A14 1-A, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
DECEMBER 2021
logo
ON Semiconductor
NCP59763 ONSEMI-NCP59763 Datasheet
5Mb / 35P
LDO Regulator, 3 A, High Accuracy (1%), Low Noise (4.3 VRMS), Low Dropout (70 mV)
June, 2021 ??Rev. 4
logo
Texas Instruments
TPS7A14 TI-TPS7A14_V01 Datasheet
2Mb / 33P
TPS7A14 1-A, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED MAY 2022
logo
ON Semiconductor
NCV59801 ONSEMI-NCV59801 Datasheet
351Kb / 13P
LDO Regulator, 1A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
August, 2022 - Rev. 0
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
Texas Instruments
TPS7A14 TI1-TPS7A14_V02 Datasheet
3Mb / 38P
TPS7A14 1-A, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
AUGUST 2023
TPS7A53B TI-TPS7A53B Datasheet
1Mb / 35P
TPS7A53B 3-A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator
AUGUST 2023
TPS7A14 TI-TPS7A14_V03 Datasheet
3Mb / 38P
TPS7A14 1-A, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com