Electronic Components Datasheet Search
  English  ▼

X  

HUSB251 Datasheet (PDF) - Hynetek Semiconductor Co., Ltd.

HUSB251 Datasheet PDF - Hynetek Semiconductor Co., Ltd.
Part # HUSB251
Download  HUSB251 Download
File Size   1684.01 Kbytes
Page   21 Pages
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.
Description Type-C DRP Controller with 32-bit RISC-V MCU

HUSB251 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUSB251 Datasheet PDF - Hynetek Semiconductor Co., Ltd.

Part # HUSB251
Download  HUSB251 Click to download

File Size   1684.01 Kbytes
Page   21 Pages
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.
Description Type-C DRP Controller with 32-bit RISC-V MCU

HUSB251 Datasheet (HTML) - Hynetek Semiconductor Co., Ltd.


HUSB251 Product details

FEATURES
 USB Type-C DRP with PD protocol Supported
– Compliant with USB Type-C Specification
Reversion 2.1
– Compliant with USB PD Specification
Reversion 3.1
 Bidirectional PD protocol for Type-C with 28 V
EPR FPDO and EPR AVS Supported
 Integrated VCONN Power for eMarker Detection
 Integrated N-MOSFET drive with soft start
 Multiple DPDM Charging Protocols Implemented
– BC1.2 DCP and Divider 3
– QC2.0, QC3.0, AFC, FCP, UFCS
 Up to 35 V Maximum Voltage Rating at USB
Type-C Connector Pins
 Programmable Constant Voltage and Constant
Current Control
 Integrated dead battery function for power
requesting as SINK
 Fault Protections including VIN OCP, SCP, UVP,
OVP and CC OVP, OCP, DPDM OVP, OTP, TSD
and so on
 32-bit RISC-V MCU with 32 kB MTP Memory
 Integrated I
2C and UART module for system
communication
 Integrated deep sleep mode for power saving
 ±4 kV HBM ESD Rating for all of Type-C
Connector Pins

APPLICATIONS
Travel Adaptor
Car Charger
Battery Powered Devices

GENERAL DESCRIPTION
HUSB251 is designed for a USB Type-C DRP product.
It can support up to multiple PDOs with programmable
voltage and current for different applications, such as
PPS PDOs, EPR PDOs. All of PDOs are fully
compliant with USB PD 3.1 Specification Rev.1.8
Besides, HUSB251 implements DPDM charging
protocols for source. Both D+ and D- pins can be
configured to support QC2.0, QC3.0, AFC, FCP, UFCS
and divider 3 mode which provide excellent
compatibility for the legacy devices.
It integrates an GATE driver to enable between VBUS
and VIN to protect the devices connected with Type-C
connector.
The high voltage tolerance and protections at CC1,
CC2, D+ and D- pins provides more reliability for the
system.




Similar Part No. - HUSB251

ManufacturerPart #DatasheetDescription
logo
Hynetek Semiconductor C...
HUSB238 HYNETEK-HUSB238 Datasheet
1Mb / 17P
Hynetek Semiconductor Co., Ltd.
Rev. 2.5 04/2023
HUSB238A HYNETEK-HUSB238A Datasheet
1Mb / 22P
USB PD Sink Controller Supporting EPR Mode
Rev. 0.2 05/2023
HUSB238A-AA000-QN16R HYNETEK-HUSB238A-AA000-QN16R Datasheet
1Mb / 22P
USB PD Sink Controller Supporting EPR Mode
Rev. 0.2 05/2023
HUSB238_001DD HYNETEK-HUSB238_001DD Datasheet
1Mb / 17P
Hynetek Semiconductor Co., Ltd.
Rev. 2.5 04/2023
HUSB238_002DD HYNETEK-HUSB238_002DD Datasheet
1Mb / 17P
Hynetek Semiconductor Co., Ltd.
Rev. 2.5 04/2023
More results


Similar Description - HUSB251

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GDC21D601 HYNIX-GDC21D601 Datasheet
4Mb / 189P
32-Bit RISC MCU
logo
STMicroelectronics
ST22FJ1M STMICROELECTRONICS-ST22FJ1M Datasheet
100Kb / 8P
Smartcard 32-Bit RISC MCU with 1 Mbytes FLASH & Javacard??HW Execution
Dec-2003
ST22T064-A STMICROELECTRONICS-ST22T064-A Datasheet
99Kb / 7P
Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
Oct-2004
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
32 Bit RISC Micro Controller
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
logo
fujitsu semiconductor
MB91590 FUJITSU-MB91590 Datasheet
1Mb / 2P
32-bit MCU with Integrated Graphics Controller SoC
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
HD3SS3220 TI1-HD3SS3220_15 Datasheet
1,003Kb / 43P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
logo
Nanjing Qinheng Microel...
CH567 WCH-CH567 Datasheet
2Mb / 88P
32 bit RISC
CH568 WCH-CH568 Datasheet
2Mb / 93P
32 bit RISC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com