Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet (PDF) - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet PDF - Hynetek Semiconductor Co., Ltd.
Part # HUSB238A
Download  HUSB238A Download
File Size   1609.25 Kbytes
Page   22 Pages
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.
Description USB PD Sink Controller Supporting EPR Mode

HUSB238A Datasheet (PDF)

Go To PDF Page Download Datasheet
HUSB238A Datasheet PDF - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Download  HUSB238A Click to download

File Size   1609.25 Kbytes
Page   22 Pages
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.
Description USB PD Sink Controller Supporting EPR Mode

HUSB238A Datasheet (HTML) - Hynetek Semiconductor Co., Ltd.


HUSB238A Product details

FEATURES
 Fully Autonomous USB Type-C® and USB PD
Sink Controller
 Compliant USB Type-C® Specification Reversion
2.1 and USB PD Specification Reversion 3.1
 Maximum 48V/5A PDO Supported
– GPIO Mode: Support maximum 28V/3.25A
EPR PDO
– I
2C Mode: Support APDO, maximum
48V/5A EPR PDO and EPR AVS
 Automatic Legacy Protocols Detection including
BC1.2, Divider 3, QC2.0
 Support SOP’ Detection
 Typical Low Power Operation: IVDD< 45 μA
 Integrated VBUS Switch Driver
 Dead Battery Support
 VBUS over-voltage protection (OVP) and undervoltage protection (UVP)
 Over-temperature protection (OTP) with
programmable thresholds
 4 kV HBM ESD Rating for USB IO pins
 Small Package, 16 Lead QFN (3 mm x 3 mm)

APPLICATIONS
PD sink devices
USB-C cables
Wireless charger

GENERAL DESCRIPTION
The HUSB238A is a highly integrated stand-alone USB
Type-C® and Power Delivery (PD) Sink controller. The
HUSB238A integrates the CC logic, USB PD protocol
and the legacy protocols.
The HUSB238A can run in I2C mode and GPIO mode.
In I2C mode, an I2C master can access the HUSB238A
to configure settings, read back status and perform
advanced functions such as DR Swap, VDM messages.
The HUSB238A supports APDO, maximum 48V/5A
EPR PDO and EPR AVS in I
2C mode.
While in GPIO mode, the configuration is achieved via
the setting pins. The HUSB238A can be configured to
support maximum 28V/3.25A PDO via VSET and ISET
pins, only two resistors are used to set the voltage and
current.
The ultra-low operation current of the HUSB238A helps
the system to reduce the total power dissipation and
suitable for a battery application.
The HUSB238A is available in QFN 3 mm x 3 mm-16L
package.




Similar Part No. - HUSB238A

ManufacturerPart #DatasheetDescription
logo
Hynetek Semiconductor C...
HUSB238 HYNETEK-HUSB238 Datasheet
1Mb / 17P
Hynetek Semiconductor Co., Ltd.
Rev. 2.5 04/2023
HUSB238_001DD HYNETEK-HUSB238_001DD Datasheet
1Mb / 17P
Hynetek Semiconductor Co., Ltd.
Rev. 2.5 04/2023
HUSB238_002DD HYNETEK-HUSB238_002DD Datasheet
1Mb / 17P
Hynetek Semiconductor Co., Ltd.
Rev. 2.5 04/2023
HUSB238_003DD HYNETEK-HUSB238_003DD Datasheet
1Mb / 17P
Hynetek Semiconductor Co., Ltd.
Rev. 2.5 04/2023
HUSB238_004DD HYNETEK-HUSB238_004DD Datasheet
1Mb / 17P
Hynetek Semiconductor Co., Ltd.
Rev. 2.5 04/2023
More results


Similar Description - HUSB238A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
TEA19032BT NXP-TEA19032BT Datasheet
335Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1-9 February 2018
logo
Richtek Technology Corp...
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
STMicroelectronics
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
logo
NXP Semiconductors
TEA19032CT NXP-TEA19032CT Datasheet
336Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1 ??15 March 2019
logo
Diodes Incorporated
AP43770 DIODES-AP43770 Datasheet
361Kb / 9P
HIGH-PERFORMANCE USB PD CONTROLLER
July 2020
AP43771 DIODES-AP43771 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
AP43771V DIODES-AP43771V Datasheet
792Kb / 14P
HIGH-PERFORMANCE USB PD CONTROLLER
Rev. 5 - 2 December 2021
logo
Coolgear Inc.
CG-PD140EPR COOLGEAR-CG-PD140EPR Datasheet
419Kb / 1P
ChargeIT! Mini 140W USB Type-C PD Charger w/ EPR Support
3/3/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com