Electronic Components Datasheet Search
  English  ▼

X  

HUSB238_002DD Datasheet (PDF) - Hynetek Semiconductor Co., Ltd.

HUSB238_002DD Datasheet PDF - Hynetek Semiconductor Co., Ltd.
Part # HUSB238_002DD
Download  HUSB238_002DD Download
File Size   1407.56 Kbytes
Page   17 Pages
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.
Description Hynetek Semiconductor Co., Ltd.

HUSB238_002DD Datasheet (PDF)

Go To PDF Page Download Datasheet
HUSB238_002DD Datasheet PDF - Hynetek Semiconductor Co., Ltd.

Part # HUSB238_002DD
Download  HUSB238_002DD Click to download

File Size   1407.56 Kbytes
Page   17 Pages
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.
Description Hynetek Semiconductor Co., Ltd.

HUSB238_002DD Datasheet (HTML) - Hynetek Semiconductor Co., Ltd.


HUSB238_002DD Product details

FEATURES
USB-IF certified
 TID: 3666
Standalone USB Power Delivery (PD) sink controller
Legacy charging sink
 Apple divider 3 detection
 BC1.2 SDP, CDP and DCP detection
Dead battery function
SOP’ communication function
3V to 25V operation range
30V voltage rating on VIN and GATE pins
25V voltage rating on CC1 and CC2 pins
I2C access for monitoring and advanced settings
Integrated PMOS driver
VBUS over-voltage protection (OVP) and undervoltage
protection (UVP)
Over-temperature protection (OTP) with
programmable thresholds
Low power consumption

APPLICATIONS
PD sink devices
USB-C cables
Wireless charger

GENERAL DESCRIPTION
The HUSB238 is a highly integrated USB Power
Delivery (PD) controller as sink role for up to 100W
power rating.
The HUSB238 is compatible with PD3.0 and Type-C
V1.4, and it can also support Apple Divider 3, BC1.2
SDP, CDP and DCP while the source is attached.
The HUSB238 can be used in electronic devices that
have legacy barrel connectors or USB micro-B
connectors for power such as IoT (Internet of Things)
devices, wireless charger, drones, smart speakers,
power tools, and other rechargeable devices.
The HUSB238 is available in 3mm x 3mm DFN-10L
package options.




Similar Part No. - HUSB238_002DD

ManufacturerPart #DatasheetDescription
logo
Hynetek Semiconductor C...
HUSB238A HYNETEK-HUSB238A Datasheet
1Mb / 22P
USB PD Sink Controller Supporting EPR Mode
Rev. 0.2 05/2023
HUSB238A-AA000-QN16R HYNETEK-HUSB238A-AA000-QN16R Datasheet
1Mb / 22P
USB PD Sink Controller Supporting EPR Mode
Rev. 0.2 05/2023
More results


Similar Description - HUSB238_002DD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1001EWA ETC-B1001EWA Datasheet
158Kb / 5P
EVERLIGHT ELECTRONICE CO., LTD.
logo
Molex Electronics Ltd.
0015311061 MOLEX1-0015311061 Datasheet
173Kb / 2P
MOLEX-JAPAN CO. LTD
0015311062 MOLEX1-0015311062 Datasheet
157Kb / 2P
MOLEX-JAPAN CO. LTD
0015311091 MOLEX1-0015311091 Datasheet
185Kb / 2P
MOLEX-JAPAN CO. LTD
0015311121 MOLEX1-0015311121 Datasheet
190Kb / 2P
MOLEX-JAPAN CO. LTD
0015311151 MOLEX1-0015311151 Datasheet
230Kb / 2P
MOLEX-JAPAN CO. LTD
0015311152 MOLEX1-0015311152 Datasheet
204Kb / 2P
MOLEX-JAPAN CO. LTD
logo
Sensortechnics GmbH
LD85H6S-A SENSORTECHNICS-LD85H6S-A Datasheet
1Mb / 6P
Quantum Semiconductor International Co., Ltd.
LD85J6S-A SENSORTECHNICS-LD85J6S-A Datasheet
1Mb / 4P
Quantum Semiconductor International Co., Ltd.
LD90F7S-A SENSORTECHNICS-LD90F7S-A Datasheet
563Kb / 4P
Quantum Semiconductor International Co., Ltd.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com