Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet (PDF) - Texas Instruments

TPS62870 Datasheet PDF - Texas Instruments
Part # TPS62870
Download  TPS62870 Download
File Size   2193.01 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense

TPS62870 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62870 Datasheet PDF - Texas Instruments

Part # TPS62870
Download  TPS62870 Click to download

File Size   2193.01 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense

TPS62870 Datasheet (HTML) - Texas Instruments


TPS62870 Product details

1 Features
• Available as an integrated-inductor power module:
TPSM8287A06, TPSM8287A10, TPSM8287A12,
TPSM8287A15
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• 2.7V to 6V input voltage range
• 6A, 9A, 12A, 15A pin-to-pin device family
• Four output voltage ranges:
– 0.4V to 0.71875V in 1.25mV steps
– 0.4V to 1.0375V in 2.5mV steps
– 0.4V to 1.675V in 5mV steps
– 0.8V to 3.35V in 10mV steps
• Output voltage accuracy ±1%
• Differential remote sensing
• 7mΩ and 4.5mΩ internal power MOSFETs
• Adjustable external compensation
• Power-save or forced-PWM operation
• Optional synchronization to external clock or
spread-spectrum operation
• I2C-compatible interface up to 1MHz
• Stackable for increased output current capability
• Thermal warning and thermal shutdown
• Active output discharge
• Power-good output with a window comparator
• Available in 2.55mm × 3.55mm × 1mm VQFN
package with wettable flanks
• –40°C to 125°C junction temperature, TJ

2 Applications
• Optical networks, storage
• FPGA, ASIC, and digital core supply
• DDR memory supply

3 Description
The TPS6287x is a family of pin-to-pin 6A, 9A, 12A, and 15A synchronous step-down DC/DC converters with
differential remote sensing. For each current rating, there are full-featured device variants with I2C interface
and limited-featured device variants without I2C interface. All devices offer high efficiency and ease of use.
Low-resistance power switches allow up to 15A continuous output current at high ambient temperatures.
The devices can operate in stacked mode to deliver higher output currents or to spread the power dissipation
across multiple devices.
The TPS6287x family implements a fixed-frequency DCS-Control scheme that supports fast transients. The
devices can operate in power save mode for maximum efficiency, or forced-PWM mode for the best transient
performance and lowest output voltage ripple.
The remote sensing feature allows voltage regulation at the point-of-load, hence the device achieves better than
±1% DC voltage accuracy under all operating conditions.
The switching frequency is resistor-selectable through the FSEL pin. The switching frequency can be set to
1.5MHz, 2.25MHz, 2.5MHz, or 3.0MHz, or synchronized to an external clock in the same frequency range.
The I2C-compatible interface offers several control, monitoring, and warning features, such as voltage monitoring
and temperature-related warnings. The output voltage can be quickly adjusted to adapt the power consumption
of the load to the performance needs of the application through the I2C-compatible interface. The default start-up
voltage is resistor-selectable through the VSEL pin.




Similar Part No. - TPS62870

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870 TI1-TPS62870 Datasheet
1Mb / 59P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI1-TPS62870 Datasheet
2Mb / 62P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI1-TPS62870 Datasheet
2Mb / 61P
TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Stackable, Synchronous Step-Down Converters With Fast Transient Response
MAY 2024
TPS62870 TI-TPS62870 Datasheet
2Mb / 64P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
OCTOBER 2023
More results


Similar Description - TPS62870

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
MP8847 MPS-MP8847 Datasheet
506Kb / 22P
6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
logo
Texas Instruments
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870-Q1 TI1-TPS62870-Q1_V02 Datasheet
2Mb / 62P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI1-TPS62870_V01 Datasheet
1Mb / 59P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com