Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet (PDF) - Texas Instruments

TPS62870 Datasheet PDF - Texas Instruments
Part # TPS62870
Download  TPS62870 Download
File Size   2088.2 Kbytes
Page   64 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response

TPS62870 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62870 Datasheet PDF - Texas Instruments

Part # TPS62870
Download  TPS62870 Click to download

File Size   2088.2 Kbytes
Page   64 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response

TPS62870 Datasheet (HTML) - Texas Instruments


TPS62870 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
– Documentation available to aid functional safety
system design
– Documentation available to aid functional safety
system design
• 2.7-V to 6-V input voltage range
• Family of pin-to-pin compatible devices: 6-A, 9-A,
12-A, and 15-A
• Four output voltage ranges:
– 0.4-V to 0.71875-V in 1.25-mV steps
– 0.4-V to 1.0375-V in 2.5-mV steps
– 0.4-V to 1.675-V in 5-mV steps
– 0.8-V to 3.35-V in 10-mV steps
• Output voltage accuracy ±1%
• 7-mΩ and 4.5-mΩ internal power MOSFETs
• Adjustable external compensation
• Resistor-selectable start-up output voltage
• Resistor-selectable switching frequency
• Power-save or forced-PWM operation
• I2C-compatible interface up to 1-MHz
• Differential remote sensing
• Optional stacked operation for increased output
current capability
• Thermal warning and thermal shutdown
• Precise enable input
• Active output discharge
• Optional spread-spectrum clocking
• Power-good output with a window comparator
• Available in 2.55-mm × 3.55-mm × 1-mm VQFN
package with wettable flanks
• –40°C to 150°C junction temperature, TJ

2 Applications
• Infotainment and cluster
• ADAS
• FPGA, ASIC, and digital core supply
• DDR memory supply

3 Description
The TPS6287x-Q1 is a family of pin-to-pin 6-A, 9-
A, 12-A, and 15-A synchronous step-down DC/DC
converters with differential remote sensing. For each
current rating, there are full-featured device variants
with I2C interface and limited-featured device variants
without I2C interface. All devices offer high efficiency
and ease of use. Low-resistance power switches
allow up to 15-A continuous output current at high
ambient temperatures.
The devices can operate in stacked mode to deliver
higher output currents or to spread the power
dissipation across multiple devices.
The TPS6287x-Q1 family implements an enhanced
DCS control scheme that supports fast transients with
fixed-frequency operation. Devices can operate in
power save mode for maximum efficiency, or forced-
PWM mode for the best transient performance and
lowest output voltage ripple.
An optional remote sensing feature maximizes voltage
regulation at the point-of-load, and the device
achieves better than ±1% DC voltage accuracy under
all operating conditions.




Similar Part No. - TPS62870

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870 TI1-TPS62870 Datasheet
1Mb / 59P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI1-TPS62870 Datasheet
2Mb / 62P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI1-TPS62870 Datasheet
2Mb / 61P
TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Stackable, Synchronous Step-Down Converters With Fast Transient Response
MAY 2024
TPS62870 TI2-TPS62870 Datasheet
2Mb / 66P
TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
REVISED OCTOBER 2025
More results


Similar Description - TPS62870

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS62870-Q1 TI-TPS62870-Q1 Datasheet
2Mb / 57P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Automotive, Stackable, Synchronous Step-Down Converters with Fast Transient Response
MAY 2022
TPS62870-Q1 TI-TPS62870-Q1_V01 Datasheet
2Mb / 60P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED JANUARY 2023
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62876-Q1 TI-TPS62876-Q1 Datasheet
3Mb / 70P
TPS6287x-Q1 2.7-V to 6-V Input, 15-A, 20-A, 25-A, and 30-A Automotive Fast Transient Synchronous Step-Down Converter with I2C Interface
APRIL 2023
TPSM8287A12 TI1-TPSM8287A12 Datasheet
2Mb / 60P
TPSM8287Axx 2.7-V to 6-V Input, 6-A, 10-A, 12-A, and 15-A, Parallelable Step-Down Power Module With I2C Interface and Remote Sense
JULY 2023
TPS62874-Q1 TI-TPS62874-Q1 Datasheet
3Mb / 71P
TPS6287x-Q1 2.7-V to 6-V Input, 15-A, 20-A, 25-A, and 30-A Automotive Fast Transient Synchronous Step-Down Converter with I2C Interface
REVISED OCTOBER 2023
TPS62870-Q1 TI1-TPS62870-Q1_V02 Datasheet
2Mb / 62P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI1-TPS62870_V01 Datasheet
1Mb / 59P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS6287B10 TI1-TPS6287B10 Datasheet
2Mb / 72P
TPS6287Bxx 2.7-V to 6-V Input, 10-A,15-A, 20-A, 25-A, Fast Transient Synchronous Step-Down Converter With I2C Interface
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com