Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet (PDF) - Texas Instruments

TPS62870 Datasheet PDF - Texas Instruments
Part # TPS62870
Download  TPS62870 Download
File Size   2072.97 Kbytes
Page   61 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Stackable, Synchronous Step-Down Converters With Fast Transient Response

TPS62870 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62870 Datasheet PDF - Texas Instruments

Part # TPS62870
Download  TPS62870 Click to download

File Size   2072.97 Kbytes
Page   61 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Stackable, Synchronous Step-Down Converters With Fast Transient Response

TPS62870 Datasheet (HTML) - Texas Instruments


TPS62870 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• 2.7V to 6V input voltage range
• 6A, 9A, 12A, and 15A family of pin-to-pin
compatible device
• Four output voltage ranges:
– 0.4V to 0.71875V in 1.25mV steps
– 0.4V to 1.0375V in 2.5mV steps
– 0.4V to 1.675V in 5mV steps
– 0.8V to 3.35V in 10mV steps
• Output voltage accuracy ±1%
• 7mΩ and 4.5mΩ internal power MOSFETs
• Adjustable external compensation
• Resistor-selectable start-up output voltage
• Resistor-selectable switching frequency
• Power-save or forced-PWM operation
• I2C-compatible interface up to 1MHz
• Differential remote sensing
• Optional stacked operation for increased output
current capability
• Thermal warning and thermal shutdown
• Precise enable input
• Active output discharge
• Optional spread-spectrum clocking
• Power-good output with a window comparator
• Available in 2.55mm × 3.55mm × 1mm VQFN
package with wettable flanks
• –40°C to 125°C junction temperature, TJ

2 Applications
• Optical networks
• Storage
• FPGA, ASIC, and digital core supply
• DDR memory supply

3 Description
The TPS6287x is a family of pin-to-pin 6A, 9A, 12A,
and 15A synchronous step-down DC/DC converters
with differential remote sensing. For each current
rating, there are full-featured device variants with I2C
interface and limited-featured device variants without
I2C interface. All devices offer high efficiency and
ease of use. Low-resistance power switches allow
up to 15A continuous output current at high ambient
temperatures.
The devices can operate in stacked mode to deliver
higher output currents or to spread the power
dissipation across multiple devices.
The TPS6287x family implements an enhanced DCScontrol
scheme that supports fast transients with
fixed-frequency operation. Devices can operate in
power save mode for maximum efficiency, or forced-
PWM mode for the best transient performance and
lowest output voltage ripple.
An optional remote sensing feature maximizes voltage
regulation at the point-of-load, and the device
achieves better than ±1% DC voltage accuracy under
all operating conditions.




Similar Part No. - TPS62870

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870 TI1-TPS62870 Datasheet
1Mb / 59P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI1-TPS62870 Datasheet
2Mb / 62P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI-TPS62870 Datasheet
2Mb / 64P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
OCTOBER 2023
TPS62870 TI2-TPS62870 Datasheet
2Mb / 66P
TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
REVISED OCTOBER 2025
More results


Similar Description - TPS62870

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE732E ACE-ACE732E Datasheet
560Kb / 10P
6V/3.5A, Fast Response, Step-Down Converter
VER 1.2
logo
Monolithic Power System...
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
logo
Texas Instruments
TPS62870-Q1 TI-TPS62870-Q1 Datasheet
2Mb / 57P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Automotive, Stackable, Synchronous Step-Down Converters with Fast Transient Response
MAY 2022
TPS62870-Q1 TI-TPS62870-Q1_V01 Datasheet
2Mb / 60P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED JANUARY 2023
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870-Q1 TI1-TPS62870-Q1_V02 Datasheet
2Mb / 62P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI1-TPS62870_V01 Datasheet
1Mb / 59P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
logo
Silergy Corp.
SY8286 SILERGY-SY8286 Datasheet
489Kb / 8P
High Efficiency Fast Response, 6A, 23V Input Synchronous Step Down Regulator
Rev. 0.9E
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com