Electronic Components Datasheet Search
  English  ▼

X  

1763986 Datasheet (PDF) - PHOENIX CONTACT

1763986 Datasheet PDF - PHOENIX CONTACT
Part # 1763986
Download  1763986 Download
File Size   1376.34 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBA 2,5/ 5-G-5,08 BK PIN 9,5 - PCB header

1763986 Datasheet (PDF)

Go To PDF Page Download Datasheet
1763986 Datasheet PDF - PHOENIX CONTACT

Part # 1763986
Download  1763986 Click to download

File Size   1376.34 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBA 2,5/ 5-G-5,08 BK PIN 9,5 - PCB header

1763986 Datasheet (HTML) - PHOENIX CONTACT


1763986 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 5, number
of rows: 1, number of positions: 5, number of connections: 5, product range: MSTBA 2,5/..-G,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 9.5 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1763986

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1763902 PHOENIX-1763902 Datasheet
225Kb / 6P
SMSTB 2,5/ 2-STFS59-5,08AU SEL - PCB connector
1763915 PHOENIX-1763915 Datasheet
206Kb / 6P
GMVSTBR 2,5/ 8-STFS59-7,62 SEL - PCB connector
1763919 PHOENIX-1763919 Datasheet
2Mb / 21P
MSTB 2,5/ 2-ST-5,08 GY - PCB connector
1763922 PHOENIX-1763922 Datasheet
47Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08 GY
1763928 PHOENIX-1763928 Datasheet
213Kb / 7P
MVSTBW 2,5/ 8-STFS59-5,08 SEL - PCB connector
More results


Similar Description - 1763986

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704543 PHOENIX-1704543 Datasheet
39Kb / 1P
MSTBA 2,5/ 3-G-5,08 PIN 9,5
1740246 PHOENIX-1740246 Datasheet
109Kb / 3P
MSTBA 2,5/ 5-G BK
1746965 PHOENIX-1746965 Datasheet
118Kb / 3P
MSTBA 2,5/ 5-G-5,08 BK
1819778 PHOENIX-1819778 Datasheet
39Kb / 1P
MSTBA 2,5/ 4-G-5,08 PIN 9,5
1916245 PHOENIX-1916245 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/ 2-G-5,08 PIN 9,5
1758681 PHOENIX-1758681 Datasheet
281Kb / 13P
Feed-through header - MSTBA 2,5/10-G-5,08 BK
1759729 PHOENIX-1759729 Datasheet
96Kb / 3P
MSTBA 2,5/16-G-5,08 BK
1825254 PHOENIX-1825254 Datasheet
39Kb / 1P
MSTBA 2,5/ 6-G-5,08 PIN 9,5
1894419 PHOENIX-1894419 Datasheet
48Kb / 2P
Base strip - MSTBA 2,5/ 5-G-5,08 BK AU
1809092 PHOENIX-1809092 Datasheet
257Kb / 9P
PCB header - MSTBA 2,5/ 4-G-5,08-LR
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com