Electronic Components Datasheet Search
  English  ▼

X  

1763915 Datasheet (PDF) - PHOENIX CONTACT

1763915 Datasheet PDF - PHOENIX CONTACT
Part # 1763915
Download  1763915 Download
File Size   206.37 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMVSTBR 2,5/ 8-STFS59-7,62 SEL - PCB connector

1763915 Datasheet (PDF)

Go To PDF Page Download Datasheet
1763915 Datasheet PDF - PHOENIX CONTACT

Part # 1763915
Download  1763915 Click to download

File Size   206.37 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMVSTBR 2,5/ 8-STFS59-7,62 SEL - PCB connector

1763915 Datasheet (HTML) - PHOENIX CONTACT


1763915 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, contact
surface: Au, contact connection type: Socket, number of potentials: 8, number of rows: 1,
number of positions: 8, number of connections: 8, product range: GMVSTBR 2,5/..-STFS59,
pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw head form: L
Slotted, conductor/PCB connection direction: 90 °, locking clip: - Locking clip, plug-in system:
COMBICON MSTB 2,5, locking: Screw locking mechanism, mounting method: Screw flange,
type of packaging: packed in cardboard




Similar Part No. - 1763915

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1763919 PHOENIX-1763919 Datasheet
2Mb / 21P
MSTB 2,5/ 2-ST-5,08 GY - PCB connector
More results


Similar Description - 1763915

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1832620 PHOENIX-1832620 Datasheet
95Kb / 7P
Plug - GMVSTBR 2,5/12-ST-7,62
1847945 PHOENIX-1847945 Datasheet
145Kb / 5P
GMVSTBR 2,5/ 8-STF-7,62
1759929 PHOENIX-1759929 Datasheet
61Kb / 2P
GMSTB 2,5/ 6-STFS59-7,62 AU
1759932 PHOENIX-1759932 Datasheet
61Kb / 2P
GMSTB 2,5/ 8-STFS59-7,62 AU
1903122 PHOENIX-1903122 Datasheet
97Kb / 2P
GMVSTBR 2,5/ 3-ST-7,62 BK
1832581 PHOENIX-1832581 Datasheet
407Kb / 10P
Printed-circuit board connector - GMVSTBR 2,5/ 8-ST-7,62
02/04/2022
1847880 PHOENIX-1847880 Datasheet
636Kb / 14P
PCB connector - GMVSTBR 2,5/ 2-STF-7,62
Jan 4, 2023
1847958 PHOENIX-1847958 Datasheet
635Kb / 14P
PCB connector - GMVSTBR 2,5/ 9-STF-7,62
Jan 5, 2023
1847987 PHOENIX-1847987 Datasheet
635Kb / 14P
PCB connector - GMVSTBR 2,5/12-STF-7,62
Jan 5, 2023
1847961 PHOENIX-1847961 Datasheet
637Kb / 14P
GMVSTBR 2,5/10-STF-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com