Electronic Components Datasheet Search
  English  ▼

X  

1763902 Datasheet (PDF) - PHOENIX CONTACT

1763902 Datasheet PDF - PHOENIX CONTACT
Part # 1763902
Download  1763902 Download
File Size   225.31 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMSTB 2,5/ 2-STFS59-5,08AU SEL - PCB connector

1763902 Datasheet (PDF)

Go To PDF Page Download Datasheet
1763902 Datasheet PDF - PHOENIX CONTACT

Part # 1763902
Download  1763902 Click to download

File Size   225.31 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMSTB 2,5/ 2-STFS59-5,08AU SEL - PCB connector

1763902 Datasheet (HTML) - PHOENIX CONTACT


1763902 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, contact
surface: Au, contact connection type: Socket, number of potentials: 2, number of rows: 1,
number of positions: 2, number of connections: 2, product range: SMSTB 2,5/..-STFS59, pitch: 5.
08 mm, connection method: Screw connection with tension sleeve, screw head form: L Slotted,
conductor/PCB connection direction: -45 °, locking clip: - without locking clip, plug-in system:
COMBICON MSTB 2,5, locking: Screw locking mechanism, mounting method: Screw flange,
type of packaging: packed in cardboard




Similar Part No. - 1763902

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1763915 PHOENIX-1763915 Datasheet
206Kb / 6P
GMVSTBR 2,5/ 8-STFS59-7,62 SEL - PCB connector
1763919 PHOENIX-1763919 Datasheet
2Mb / 21P
MSTB 2,5/ 2-ST-5,08 GY - PCB connector
1763922 PHOENIX-1763922 Datasheet
47Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08 GY
1763928 PHOENIX-1763928 Datasheet
213Kb / 7P
MVSTBW 2,5/ 8-STFS59-5,08 SEL - PCB connector
1763931 PHOENIX-1763931 Datasheet
74Kb / 4P
Printed-circuit board connector - MCV 1,5/10-GF-3,81 P14THRR72
More results


Similar Description - 1763902

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1768765 PHOENIX-1768765 Datasheet
119Kb / 8P
Printed-circuit board connector - SMSTB 2,5/ 2-ST
1834893 PHOENIX-1834893 Datasheet
69Kb / 4P
Printed-circuit board connector - FRONT-MSTB 2,5/ 2-ST-5,08AU
1920231 PHOENIX-1920231 Datasheet
60Kb / 4P
Printed-circuit board connector - SMSTB 2,5/ 5-ST-5,08AU
1848273 PHOENIX-1848273 Datasheet
85Kb / 3P
SMSTB 2,5/ 2-ST BK BDWH:5,4
11/05/2018
1970870 PHOENIX-1970870 Datasheet
586Kb / 15P
PCB connector - SMSTB 2,5/ 2-STF
1971073 PHOENIX-1971073 Datasheet
785Kb / 19P
PCB connector - SMSTB 2,5/ 3-STF-5,08
1971086 PHOENIX-1971086 Datasheet
725Kb / 17P
PCB connector - SMSTB 2,5/ 4-STF-5,08
1971109 PHOENIX-1971109 Datasheet
726Kb / 17P
PCB connector - SMSTB 2,5/ 6-STF-5,08
1971125 PHOENIX-1971125 Datasheet
726Kb / 17P
PCB connector - SMSTB 2,5/ 8-STF-5,08
1971060 PHOENIX-1971060 Datasheet
777Kb / 19P
SMSTB 2,5/ 2-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com