Electronic Components Datasheet Search
  English  ▼

X  

1700412 Datasheet (PDF) - PHOENIX CONTACT

1700412 Datasheet PDF - PHOENIX CONTACT
Part # 1700412
Download  1700412 Download
File Size   595.94 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IC 2,5/ 6-STF-5,08 BK BDWH:NZ - PCB connector

1700412 Datasheet (PDF)

Go To PDF Page Download Datasheet
1700412 Datasheet PDF - PHOENIX CONTACT

Part # 1700412
Download  1700412 Click to download

File Size   595.94 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IC 2,5/ 6-STF-5,08 BK BDWH:NZ - PCB connector

1700412 Datasheet (HTML) - PHOENIX CONTACT


1700412 Product details

PCB connector, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 6,
number of rows: 1, number of positions: 6, number of connections: 6, product range: IC 2,5/..-
STF, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plugin
system: COMBICON MSTB 2,5, locking: Screw locking mechanism, mounting method: Screw
flange, type of packaging: packed in cardboard




Similar Part No. - 1700412

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700410 PHOENIX-1700410 Datasheet
1Mb / 16P
MC 1,5/ 3-STF-3,81 BK BDWH:NZ - PCB connector
logo
List of Unclassifed Man...
1700410000 ETC2-1700410000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
PHOENIX CONTACT
1700417 PHOENIX-1700417 Datasheet
676Kb / 13P
MVSTBW 2,5/ 7-STF-5,08 BK BDWH:NZ - PCB connector
More results


Similar Description - 1700412

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1717149 PHOENIX-1717149 Datasheet
112Kb / 2P
FRONT-MSTB 2,5/ 6-STF-5,08 BK
1763711 PHOENIX-1763711 Datasheet
60Kb / 5P
Printed-circuit board connector - IC 2,5/ 6-STF-5,08 BK
1961957 PHOENIX-1961957 Datasheet
89Kb / 4P
Printed-circuit board connector - IC 2,5/ 4-STF-5,08 BK
1825349 PHOENIX-1825349 Datasheet
713Kb / 16P
PCB connector - IC 2,5/ 5-STF-5,08
Jan 10, 2023
1861506 PHOENIX-1861506 Datasheet
424Kb / 14P
PCB connector - FKCOR 2,5/ 6-STF-5,08
Jan 10, 2023
1754830 PHOENIX-1754830 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 6-STF-5,08
1971109 PHOENIX-1971109 Datasheet
726Kb / 17P
PCB connector - SMSTB 2,5/ 6-STF-5,08
1860811 PHOENIX-1860811 Datasheet
422Kb / 14P
FKCOW 2,5/ 6-STF-5,08 - PCB connector
1825381 PHOENIX-1825381 Datasheet
618Kb / 15P
IC 2,5/ 9-STF-5,08 - PCB connector
1825420 PHOENIX-1825420 Datasheet
644Kb / 16P
IC 2,5/13-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com