Electronic Components Datasheet Search
  English  ▼

X  

1825349 Datasheet (PDF) - PHOENIX CONTACT

1825349 Datasheet PDF - PHOENIX CONTACT
Part # 1825349
Download  1825349 Download
File Size   713.45 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - IC 2,5/ 5-STF-5,08

1825349 Datasheet (PDF)

Go To PDF Page Download Datasheet
1825349 Datasheet PDF - PHOENIX CONTACT

Part # 1825349
Download  1825349 Click to download

File Size   713.45 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - IC 2,5/ 5-STF-5,08

1825349 Datasheet (HTML) - PHOENIX CONTACT


1825349 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials:
5, number of rows: 1, number of positions: 5, number of connections: 5, product range: IC 2,5/..-
STF, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plugin
system: COMBICON MSTB 2,5, locking: Screw locking, mounting: Screw flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Easy PCB replacement thanks to plug-in modules
• Screwable flange for superior mechanical stability
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Can be combined with the MSTB 2,5 range
• Low temperature rise, thanks to maximum contact force




Similar Part No. - 1825349

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825307 PHOENIX-1825307 Datasheet
143Kb / 5P
IC 2,5/20-STF-5,08
1825310 PHOENIX-1825310 Datasheet
101Kb / 7P
Printed-circuit board connector - IC 2,5/ 2-STF-5,08
1825323 PHOENIX-1825323 Datasheet
101Kb / 7P
Printed-circuit board connector - IC 2,5/ 3-STF-5,08
1825336 PHOENIX-1825336 Datasheet
112Kb / 7P
Printed-circuit board connector - IC 2,5/ 4-STF-5,08
1825352 PHOENIX-1825352 Datasheet
106Kb / 7P
Printed-circuit board connector - IC 2,5/ 6-STF-5,08
More results


Similar Description - 1825349

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825378 PHOENIX-1825378 Datasheet
141Kb / 6P
IC 2,5/ 8-STF-5,08
1825491 PHOENIX-1825491 Datasheet
143Kb / 5P
IC 2,5/20-STF-5,08
1913099 PHOENIX-1913099 Datasheet
321Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 5-STF-5,08
1971073 PHOENIX-1971073 Datasheet
785Kb / 19P
PCB connector - SMSTB 2,5/ 3-STF-5,08
1962723 PHOENIX-1962723 Datasheet
1Mb / 22P
PCB connector - TFKC 2,5/ 5-STF-5,08
1962765 PHOENIX-1962765 Datasheet
1Mb / 21P
TFKC 2,5/ 9-STF-5,08 - PCB connector
1971060 PHOENIX-1971060 Datasheet
777Kb / 19P
SMSTB 2,5/ 2-STF-5,08 - PCB connector
1860976 PHOENIX-1860976 Datasheet
371Kb / 12P
FKCOW 2,5/22-STF-5,08 - PCB connector
1825381 PHOENIX-1825381 Datasheet
618Kb / 15P
IC 2,5/ 9-STF-5,08 - PCB connector
1825420 PHOENIX-1825420 Datasheet
644Kb / 16P
IC 2,5/13-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com