Electronic Components Datasheet Search
  English  ▼

X  

1700417 Datasheet (PDF) - PHOENIX CONTACT

1700417 Datasheet PDF - PHOENIX CONTACT
Part # 1700417
Download  1700417 Download
File Size   676.2 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5/ 7-STF-5,08 BK BDWH:NZ - PCB connector

1700417 Datasheet (PDF)

Go To PDF Page Download Datasheet
1700417 Datasheet PDF - PHOENIX CONTACT

Part # 1700417
Download  1700417 Click to download

File Size   676.2 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5/ 7-STF-5,08 BK BDWH:NZ - PCB connector

1700417 Datasheet (HTML) - PHOENIX CONTACT


1700417 Product details

PCB connector, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
7, number of rows: 1, number of positions: 7, number of connections: 7, product range:
MVSTBW 2,5/..-STF, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: -90 °, locking clip: - Locking
clip, plug-in system: COMBICON MSTB 2,5, locking: Screw locking mechanism, mounting
method: Screw flange, type of packaging: packed in cardboard




Similar Part No. - 1700417

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700410 PHOENIX-1700410 Datasheet
1Mb / 16P
MC 1,5/ 3-STF-3,81 BK BDWH:NZ - PCB connector
logo
List of Unclassifed Man...
1700410000 ETC2-1700410000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
PHOENIX CONTACT
1700412 PHOENIX-1700412 Datasheet
595Kb / 11P
IC 2,5/ 6-STF-5,08 BK BDWH:NZ - PCB connector
More results


Similar Description - 1700417

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1721122 PHOENIX-1721122 Datasheet
76Kb / 5P
Printed-circuit board connector - MVSTBW 2,5/ 4-STF-5,08 BK
1726211 PHOENIX-1726211 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 3-STF-5,08 BK
1763782 PHOENIX-1763782 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 7-STF-5,08 BK
1913073 PHOENIX-1913073 Datasheet
321Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 3-STF-5,08
1913099 PHOENIX-1913099 Datasheet
321Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 5-STF-5,08
1913125 PHOENIX-1913125 Datasheet
322Kb / 11P
MVSTBW 2,5 HC/ 8-STF-5,08 - PCB connector
1913154 PHOENIX-1913154 Datasheet
322Kb / 11P
MVSTBW 2,5 HC/11-STF-5,08 - PCB connector
1860824 PHOENIX-1860824 Datasheet
421Kb / 14P
FKCOW 2,5/ 7-STF-5,08 - PCB connector
1913060 PHOENIX-1913060 Datasheet
323Kb / 11P
MVSTBW 2,5 HC/ 2-STF-5,08 - PCB connector
1861519 PHOENIX-1861519 Datasheet
408Kb / 14P
FKCOR 2,5/ 7-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com