Electronic Components Datasheet Search
  English  ▼

X  

TPSM812995 Datasheet (PDF) - Texas Instruments

TPSM812995 Datasheet PDF - Texas Instruments
Part # TPSM812995
Download  TPSM812995 Download
File Size   3639.11 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM81299 95nA Quiescent Current, 5.5V Boost Module with Input Current Limit and Fast Transient Performance

TPSM812995 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM812995 Datasheet PDF - Texas Instruments

Part # TPSM812995
Download  TPSM812995 Click to download

File Size   3639.11 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM81299 95nA Quiescent Current, 5.5V Boost Module with Input Current Limit and Fast Transient Performance

TPSM812995 Datasheet (HTML) - Texas Instruments


TPSM812995 Product details

1 Features
• Input voltage range: 0.5V to 5.5V
• 0.7V minimum start-up voltage
• Input operating voltage (PVIN) down to 150mV
with signal AVIN > 0.7V
• Output voltage range: 1.8V to 5.5V for device with
input current limit no more than 1.2A
• Average input current limit: 5mA; 25mA; 50mA;
100mA; 250mA, 500mA, 1.2A, 1.5A (different
versions)
• 95nA typical quiescent current into VOUT
• 60nA typical shutdown current into AVIN
• Up to 88% efficiency at PVIN =AVIN=3.6V, VOUT
= 5V, and IOUT =10μA
• Up to 94% efficiency at PVIN=AVIN = 3.6V, VOUT
= 5V, and IOUT =200mA
• Fast transient performance: setting time ~8μs at
PVIN=AVIN = 3.6V, VOUT = 5V, IOUT = 0A ->
200mA
• True disconnection at EN low
• Automatic PFM/PWM mode transition
• Auto pass-through at AVIN > VOUT
• Output SCP and thermal shutdown protections
• QFN package (3mm x 2.7mm x 1.27mm)

2 Applications
• Smart watch, Smart band
• Portable medical equipment
• TWS
• Optical module

3 Description
The TPSM81299 is a synchronous boost module,
with inductor and converter both incorporated inside,
providing 95nA ultra-low quiescent current and
average input current limit. The device provides a
power product for portable equipment with alkaline
battery and coin cell battery. This device features high
efficiency under light-load condition to achieve long
operation time and average input current limit avoids
battery discharging with high current.
The TPSM81299 has wide input voltage range from
0.5V to 5.5V and output voltage ranges from 1.8V to
5.5V. The device has different versions for average
input current limit from 5mA to 1.5A. The TPSM81299
with 1.2A current limit supports up to 600mA output
current from 3.6V to 5V conversion and achieve
approximately 94% efficiency at 200mA load.
The TPSM81299 has optional fast-load transient
performance at output voltage is 4.5V, 5V or 5.5V.
In fast-load transient mode, the typical setting time is
8μs when output current transient from 0A to 200mA.
The device supports true shutdown function when it is
disabled.
The TPSM81299 offers a very small solution size with
7-pin 3mm x 2.7mm QFN package .




Similar Part No. - TPSM812995

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM81033 TI1-TPSM81033 Datasheet
769Kb / 17P
TPSM81033 5.5V, 5.5A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
JULY 2024
TPSM81033 TI-TPSM81033 Datasheet
5Mb / 31P
TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
DECEMBER 2024
TPSM81033VCDR TI-TPSM81033VCDR Datasheet
5Mb / 31P
TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
DECEMBER 2024
TPSM81033 TI-TPSM81033_V01 Datasheet
5Mb / 31P
TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
DECEMBER 2024
More results


Similar Description - TPSM812995

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Diodes Incorporated
AP133 DIODES-AP133_09 Datasheet
415Kb / 15P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
AP133 Rev. 6
AP7335_1009 DIODES-AP7335_1009 Datasheet
238Kb / 17P
300mA, Low Quiescent Current, Fast Transient
DS32259 Rev. 2 - 2
AP7365_1009 DIODES-AP7365_1009 Datasheet
326Kb / 20P
600mA, Low Quiescent Current, Fast Transient
DS32260 Rev. 2 - 2
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61299 TI-TPS61299 Datasheet
3Mb / 31P
TPS61299X 100 nA Quiescent Current, 5.5 V Boost Converter with Input Current Limit and Fast Transient Performance
MARCH 2023
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
logo
Texas Instruments
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI-TPS61299_V02 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com