Electronic Components Datasheet Search
  English  ▼

X  

TPS61299 Datasheet (PDF) - Texas Instruments

TPS61299 Datasheet PDF - Texas Instruments
Part # TPS61299
Download  TPS61299 Download
File Size   3835.33 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS61299X 100 nA Quiescent Current, 5.5 V Boost Converter with Input Current Limit and Fast Transient Performance

TPS61299 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61299 Datasheet PDF - Texas Instruments

Part # TPS61299
Download  TPS61299 Click to download

File Size   3835.33 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS61299X 100 nA Quiescent Current, 5.5 V Boost Converter with Input Current Limit and Fast Transient Performance

TPS61299 Datasheet (HTML) - Texas Instruments


TPS61299 Product details

1 Features
• Input voltage range: 0.5 V to 5.5 V
• 0.7-V minimum input voltage for start-up
• Input operating voltage down to 150 mV with
signal Vin > 0.7 V
• Output voltage range: 1.8 V to 5.5 V (VSEL pin
select output voltage)
• Average input current limit: 5 mA; 25 mA; 50 mA;
100 mA; 250 mA, 500 mA, 1.2 A, 1.5 A (different
versions)
• 100 nA typical quiescent current from VOUT
• 60 nA typical shutdown current from VIN and SW
• Up to 91 % efficiency at Vin = 3.6 V, Vout = 5 V,
and Iout =10 μA
• Up to 94 % efficiency at Vin = 3.6 V, Vout = 5 V,
and Iout =200 mA
• Fast transient performance: setting time ~8 μs at
Vin = 3.6 V, Vout = 5 V, Iout = 0 A -> 200 mA
• True disconnection at EN low
• Automatic PFM/PWM mode transition
• Auto pass-through at Vin > Vout
• Output SCP and thermal shutdown protections
• 6-Pin WCSP (1.2 x 0.8) / SOT563 package (1.6 x
1.6)

2 Applications
• Smart watch, Smart band
• Portable medical equipment
• TWS

3 Description
The TPS61299X is a synchronous boost converter
with 100-nA ultra-low quiescent current and average
input current limit. The device provides a power
solution for portable equipment with alkaline battery
and coin cell battery. This device has high efficiency
under light load condition to achieve long operation
time and average input current limit can avoid battery
discharging with high current.
The TPS61299X has wide input voltage range from
0.5 V to 5.5 V and output voltage range from 1.8
V to 5.5 V. The device has different versions for
average input current limit from 5 mA to 1.5 A. The
TPS61299X with 1.2 A current limit can support up to
500 mA output current from 3 V to 5 V conversion and
achieve approximately 94% efficiency at 200 mA load.
The TPS61299X has optional fast load transient
performance at output voltage is 4.5 V, 5 V or 5.5 V.
In fast load transient, the typical setting time is 8 us
when output current transient from 0 A to 200 mA.
The TPS61299X supports optional force pass through
or true shutdown function when it is disabled, which is
flexible for always-on system.
The TPS61299X offers a very small solution size with
6-ball 1.2-mm x 0.8-mm WCSP package and 6-pin
1.6-mm x 0.6-mm SOT583 package.




Similar Part No. - TPS61299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61299 TI1-TPS61299 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI-TPS61299 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299 Datasheet
3Mb / 35P
TPS61299-Q1 95nA Quiescent Current, 5.5V Boost Converter with Input Current Limit and Fast Transient Performance
FEBRUARY 2024
TPS61299 TI1-TPS61299 Datasheet
4Mb / 42P
TPS61299x/xA 95nA Quiescent Current, 5.5V Boost Converter with Input Current Limit and Fast Transient Performance
JUNE 2024
More results


Similar Description - TPS61299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS63900 TI1-TPS63900 Datasheet
1Mb / 31P
TPS63900 1.8-V to 5.5-V, 400-mA, 200-nA Quiescent Current Buck-Boost Converter
TPS63900 TI-TPS63900_V01 Datasheet
2Mb / 34P
TPS63900 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
TPS63901 TI-TPS63901 Datasheet
2Mb / 35P
TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
DECEMBER 2021
TPS63901 TI-TPS63901_V01 Datasheet
3Mb / 33P
TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-Boost Converter with Input Current Limit and DVS in a WCSP Package
REVISED JUNE 2022
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI-TPS61299_V02 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com