Electronic Components Datasheet Search
  English  ▼

X  

TPSM81033 Datasheet (PDF) - Texas Instruments

TPSM81033 Datasheet PDF - Texas Instruments
Part # TPSM81033
Download  TPSM81033 Download
File Size   769.62 Kbytes
Page   17 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPSM81033 5.5V, 5.5A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function

TPSM81033 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM81033 Datasheet PDF - Texas Instruments

Part # TPSM81033
Download  TPSM81033 Click to download

File Size   769.62 Kbytes
Page   17 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPSM81033 5.5V, 5.5A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function

TPSM81033 Datasheet (HTML) - Texas Instruments


TPSM81033 Product details

1 Features
• Input voltage range: 1.8V to 5.5V
• Output voltage range: 2.2V to 5.5V
– FB connected to VIN for fixed 5.0V output
• 5.5A valley switching current limit
• Integreted 0.50μH (at 0A) power inductor
• Excellent thermal performance:
– < 30°C temperature rise at VIN = 3.6V, VOUT =
5V, IOUT = 2A, and TA=25C
• High efficiency and high power capability
– Two 25mΩ (LS) / 46mΩ (HS) MOSFETs
– > 90% efficiency at VIN = 3.6V, VOUT = 5V, and
IOUT = 2A
• 2.4MHz switching frequency
• Typical 20μA quiescent current into VIN pin
• Typical 0.1μA shutdown current
• ±1.5% Reference voltage accuracy over –40°C to
+125°C
• Power good output with window comparator
• Pin-selectable auto PFM or forced PWM at light
load
• Pass-through mode when VIN > VOUT
• Safety and robust operation features
– True disconnection between input and output
during shutdown
– Output overvoltage, thermal shutdown
protection and output short-circuit protection
• 2.6mm × 2.5mm QFN-FCMOD 9-Pin package

2 Applications
• Optical module
• Patient monitor
• Smart meter

3 Description
The TPSM81033 is a synchronous boost module. The
device provides a power supply solution for portable
equipment and smart devices powered by batteries
and other power supply. The TPSM81033 has 5.5A
(typical) valley switch current limit. The power module
uses TI's MagPack packaging technology to integrate
a synchronous boost converter and an inductor to
simplify design, reduce external components, and
save PCB area.
The TPSM81033 uses adaptive constant on-time
valley-current-control topology to regulate the output
voltage and operates at 2.4MHz switching frequency.
There are two optional modes at light load by
configuring the MODE pin: auto PFM mode and
forced PWM to balance the efficiency and noise
immunity in light load. The TPSM81033 consumes
a 20μA quiescent current from VIN at light load
condition. During shutdown, the TPSM81033 is
completely disconnected from the input power and
only consumes a 0.1μA current to achieve long
battery life. The TPSM81033 has 5.75V output
overvoltage protection, output short circuit protection,
and thermal shutdown protection. The TPSM81033
offers a very small solution size with 2.6mm × 2.5mm
QFN-FCMOD (9) package and minimum amount of
external components.




Similar Part No. - TPSM81033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM81033 TI-TPSM81033 Datasheet
5Mb / 31P
TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
DECEMBER 2024
TPSM81033VCDR TI-TPSM81033VCDR Datasheet
5Mb / 31P
TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
DECEMBER 2024
TPSM81033 TI-TPSM81033_V01 Datasheet
5Mb / 31P
TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
DECEMBER 2024
More results


Similar Description - TPSM81033

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3629 IRF-IR3629 Datasheet
586Kb / 23P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER WITH POWER GOOD OUTPUT
logo
Richtek Technology Corp...
RT8130C RICHTEK-RT8130C Datasheet
257Kb / 18P
Power Good Indicator
logo
Artesyn Technologies
SIL60C2 ARTESYN-SIL60C2 Datasheet
770Kb / 3P
Power good output signal
logo
Monolithic Power System...
MP5087A MPS-MP5087A Datasheet
594Kb / 14P
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
MP5092 MPS-MP5092 Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
logo
Texas Instruments
TPS61033 TI-TPS61033_V01 Datasheet
1Mb / 28P
TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
REVISED MARCH 2023
TPSM83100 TI-TPSM83100 Datasheet
2Mb / 24P
TPSM83100 and TPSM83101 1.5-A Output Current, Buck-Boost MicroSiP™ Power Module with Integrated Inductor
MARCH 2023
TPSM83100 TI-TPSM83100_V01 Datasheet
2Mb / 25P
TPSM83100 and TPSM83101 1.5-A Output Current, Buck-Boost MicroSiP™ Power Module with Integrated Inductor
REVISED JUNE 2023
TPS61033 TI-TPS61033_V02 Datasheet
1Mb / 29P
TPS61033X 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
REVISED SEPTEMBER 2023
TPS61033-Q1 TI1-TPS61033-Q1 Datasheet
1Mb / 30P
TPS61033-Q1 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter, with Output Discharge Function
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com