Electronic Components Datasheet Search
  English  ▼

X  

ANF-TERM Datasheet (PDF) - Infinite Electronics International, Inc.

ANF-TERM Datasheet PDF - Infinite Electronics International, Inc.
Part # ANF-TERM
Download  ANF-TERM Download
File Size   80.96 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N FEMALE 50 OHM, TERMINATOR

ANF-TERM Datasheet (PDF)

Go To PDF Page Download Datasheet
ANF-TERM Datasheet PDF - Infinite Electronics International, Inc.

Part # ANF-TERM
Download  ANF-TERM Click to download

File Size   80.96 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N FEMALE 50 OHM, TERMINATOR

ANF-TERM Datasheet (HTML) - Infinite Electronics International, Inc.


ANF-TERM Product details

ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: 0 - 6 GHz
VSWR: 1.5 : 1 MAX.
POWER RATING: 1 WATT




Similar Part No. - ANF-TERM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ANF-1202 L-COM-ANF-1202 Datasheet
46Kb / 1P
TYPE N STR CRIMP JACK LMR200
08/09/2010
ANF-1406 L-COM-ANF-1406 Datasheet
134Kb / 1P
N STRAIGHT FEMALE JACK CRIMP FOR RG8 / LMR400
11/11/09
ANF-1508 L-COM-ANF-1508 Datasheet
67Kb / 1P
N STRAIGHT FEMALE CRIMP FOR LMR240
12/02/09
ANF-1610 L-COM-ANF-1610 Datasheet
85Kb / 1P
CON, N-FEMALE CRIMP LMR600
04/28/2010
ANF-1700 L-COM-ANF-1700 Datasheet
76Kb / 1P
CON,N-FEMALE CRIMP 195 SERIES
6/24/03
More results


Similar Description - ANF-TERM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9155 PASTERNACK-PE9155 Datasheet
253Kb / 3P
50 Ohm N Male to 75 Ohm F Female Adapter
PE9349 PASTERNACK-PE9349 Datasheet
238Kb / 2P
50 Ohm N Male to 75 Ohm N Female Adapter
PE9350 PASTERNACK-PE9350 Datasheet
254Kb / 3P
50 Ohm N Female to 75 Ohm N Male Adapter
PE9389 PASTERNACK-PE9389 Datasheet
251Kb / 3P
50 Ohm N Female to 75 Ohm F Male Adapter
logo
Huber+Suhner, Inc.
31_N-50-0-2133_N-1 HUBERSUHNER-31_N-50-0-2133_N-1 Datasheet
509Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, jack / jack (female / female)
31_N-50-0-51199_N HUBERSUHNER-31_N-50-0-51199_N Datasheet
494Kb / 2P
COAXIAL ADAPTER, N-precision, 50 Ohm, jack / jack (female / female)
31_N-QMA-50-11--_N HUBERSUHNER-31_N-QMA-50-11--_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, N - QMA, 50 Ohm, jack / jack (female / female)
31_N-SMC-50-11--_N HUBERSUHNER-31_N-SMC-50-11--_N Datasheet
489Kb / 2P
COAXIAL ADAPTER, N - SMC, 50 Ohm, jack / jack (female / female)
34_N-50-0-1133_U HUBERSUHNER-34_N-50-0-1133_U Datasheet
506Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, Bulkhead, jack / jack (female / female)
34_N-50-0-3133_N HUBERSUHNER-34_N-50-0-3133_N Datasheet
518Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, Bulkhead, jack / jack (female / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com