Electronic Components Datasheet Search
  English  ▼

X  

ANF-1202 Datasheet (PDF) - Infinite Electronics International, Inc.

ANF-1202 Datasheet PDF - Infinite Electronics International, Inc.
Part # ANF-1202
Download  ANF-1202 Download
File Size   46.74 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description TYPE N STR CRIMP JACK LMR200

ANF-1202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANF-1202 Datasheet PDF - Infinite Electronics International, Inc.

Part # ANF-1202
Download  ANF-1202 Click to download

File Size   46.74 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description TYPE N STR CRIMP JACK LMR200

ANF-1202 Datasheet (HTML) - Infinite Electronics International, Inc.


ANF-1202 Product details

ELECTRICAL:
IMPEDENCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
FREQUENCY RANGE: 0~6 GHz
VSWR: <1.50 @ 0~6 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.




Similar Part No. - ANF-1202

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ANF-1406 L-COM-ANF-1406 Datasheet
134Kb / 1P
N STRAIGHT FEMALE JACK CRIMP FOR RG8 / LMR400
11/11/09
ANF-1508 L-COM-ANF-1508 Datasheet
67Kb / 1P
N STRAIGHT FEMALE CRIMP FOR LMR240
12/02/09
ANF-1610 L-COM-ANF-1610 Datasheet
85Kb / 1P
CON, N-FEMALE CRIMP LMR600
04/28/2010
ANF-1700 L-COM-ANF-1700 Datasheet
76Kb / 1P
CON,N-FEMALE CRIMP 195 SERIES
6/24/03
More results


Similar Description - ANF-1202

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD601-526-0850Y VITESSE-SD601-526-0850Y Datasheet
87Kb / 1P
TYPE N BULKHEAD JACK
SD601-526-1410Y VITESSE-SD601-526-1410Y Datasheet
73Kb / 1P
TYPE N BULKHEAD JACK
logo
Winchester Electronics ...
SD601-526-1410Y WINCHESTER-SD601-526-1410Y Datasheet
73Kb / 1P
TYPE N BULKHEAD JACK
logo
Pasternack Enterprises,...
PE44062 PASTERNACK-PE44062 Datasheet
93Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR PE-C200 & LMR200
PE44041 PASTERNACK-PE44041 Datasheet
117Kb / 1P
BNC MALE CRIMP ATTACHMENT FOR PE-C200 &LMR200
logo
List of Unclassifed Man...
R114373020 ETC2-R114373020 Datasheet
35Kb / 2P
RIGHT ANGLE BULKEAD JACK CRIMP TYPE
R113306000 ETC2-R113306000 Datasheet
100Kb / 2P
STRAIGHT BULKHEAD JACK CRIMP TYPE
logo
Pasternack Enterprises,...
PE45040 PASTERNACK-PE45040 Datasheet
370Kb / 3P
SMA Male Connector Crimp - Solder Attachment for LMR200, PE-C200
logo
Amphenol RF.
242125-10-EE RF-242125-10-EE Datasheet
273Kb / 1P
N STR JACK TO SMA BHD JACK ADAPTER IP 68 EXTREME EXPOSURE
Rev. A
82-209-1006-B RF-82-209-1006-B Datasheet
246Kb / 1P
N STR JACK FOR BELDEN BLACK PLATED 9913 CABLE
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com