Electronic Components Datasheet Search
  English  ▼

X  

ANF-1508 Datasheet (PDF) - Infinite Electronics International, Inc.

ANF-1508 Datasheet PDF - Infinite Electronics International, Inc.
Part # ANF-1508
Download  ANF-1508 Download
File Size   67.43 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N STRAIGHT FEMALE CRIMP FOR LMR240

ANF-1508 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANF-1508 Datasheet PDF - Infinite Electronics International, Inc.

Part # ANF-1508
Download  ANF-1508 Click to download

File Size   67.43 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N STRAIGHT FEMALE CRIMP FOR LMR240

ANF-1508 Datasheet (HTML) - Infinite Electronics International, Inc.


ANF-1508 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
FREQUENCY RANGE: 0~6 GHz
VSWR: <1.50 @ 0~6 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.




Similar Part No. - ANF-1508

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ANF-1202 L-COM-ANF-1202 Datasheet
46Kb / 1P
TYPE N STR CRIMP JACK LMR200
08/09/2010
ANF-1406 L-COM-ANF-1406 Datasheet
134Kb / 1P
N STRAIGHT FEMALE JACK CRIMP FOR RG8 / LMR400
11/11/09
ANF-1610 L-COM-ANF-1610 Datasheet
85Kb / 1P
CON, N-FEMALE CRIMP LMR600
04/28/2010
ANF-1700 L-COM-ANF-1700 Datasheet
76Kb / 1P
CON,N-FEMALE CRIMP 195 SERIES
6/24/03
More results


Similar Description - ANF-1508

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44065 PASTERNACK-PE44065 Datasheet
86Kb / 1P
N FEMALE PANEL MOUNT CRIMP ATTACHMENT FOR RG8 &RG213
PE44476 PASTERNACK-PE44476 Datasheet
83Kb / 1P
REVERSE POLARITY N FEMALE CRIMP ATTACHMENT FOR RG58
PE44478 PASTERNACK-PE44478 Datasheet
85Kb / 1P
REVERSE POLARITY N FEMALE CRIMP ATTACHMENT FOR RG8 &RG213
PE4940 PASTERNACK-PE4940 Datasheet
86Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG8 & RG213
logo
List of Unclassifed Man...
CONN011 ETC2-CONN011 Datasheet
170Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
CONN011-R58 ETC2-CONN011-R58 Datasheet
153Kb / 1P
N FEMALE CABLE END CRIMP N FEMALE CABLE END CRIMP
logo
Molex Electronics Ltd.
0638271800 MOLEX11-0638271800 Datasheet
33Kb / 1P
Hand Crimp Tool For SAAVIK Female Crimp Terminal
0638274300 MOLEX11-0638274300 Datasheet
37Kb / 1P
Hand Crimp Tool for Sabre Crimp Terminal, Female
logo
Linx Technologies
CONN011-R58 LINX-CONN011-R58 Datasheet
248Kb / 1P
N FEMALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
CONN011 LINX-CONN011 Datasheet
265Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com