Electronic Components Datasheet Search
  English  ▼

X  

207122 Datasheet (PDF) - Molex Electronics Ltd.

207122 Datasheet PDF - Molex Electronics Ltd.
Part # 207122
Download  207122 Download
File Size   43.84 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Imperium Cable Ferrule Assembly Press

207122 Datasheet (PDF)

Go To PDF Page Download Datasheet
207122 Datasheet PDF - Molex Electronics Ltd.

Part # 207122
Download  207122 Click to download

File Size   43.84 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Imperium Cable Ferrule Assembly Press

207122 Datasheet (HTML) - Molex Electronics Ltd.


207122 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207122
Description Imperium Cable Ferrule Assembly
Press
Comments See Tooling Specification (PDF)
Above; Type: PRESS
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name Imperium
Tool Type Ferrule Crimp Tool
UPC 887191700595
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 207122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
207122 MOLEX-207122 Datasheet
46Kb / 3P
Straight Blade Stripping Cassette for PVC Insulation 34-8 AWG
Jun 02, 2025
207122 MOLEX-207122 Datasheet
75Kb / 3P
Straight Blade Stripping Cassette for PVC Insulation 10-5 AWG
Jun 02, 2025
207122 MOLEX-207122 Datasheet
62Kb / 2P
Micro Precision Wire Stripper for Wire Diameters 0.25-0.80mm (30-20 AWG)
Jun 02, 2025
207122 MOLEX-207122 Datasheet
79Kb / 2P
Manual Wire Stripper for 16.00-0.03mm² (32-6 AWG) Wire Diameter, 1.00mm Insulation Thickness Maximum
Jun 02, 2025
207122 MOLEX-207122 Datasheet
62Kb / 2P
Micro Precision Wire Stripper for Wire Diameters 0.12-0.40mm (326-6 AWG)
Jun 02, 2025
More results


Similar Description - 207122

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55510 MACOM-55510 Datasheet
30Kb / 1P
FERRULE, CABLE, CLAMP SPLIT RING
2-323930-2 MACOM-2-323930-2 Datasheet
46Kb / 1P
FERRULE ASSEMBLY, TERMASHIELD
logo
List of Unclassifed Man...
E0508-WHITE ETC2-E0508-WHITE Datasheet
103Kb / 1P
Cable Ferrule - Insulated 0.5mm
E2508-BLUE ETC2-E2508-BLUE Datasheet
104Kb / 1P
Cable Ferrule - Insulated 2.5 mm2
logo
Molex Electronics Ltd.
0622030600 MOLEX11-0622030600 Datasheet
30Kb / 1P
Imperium Cable Ferrule Assembly Press
0622031000 MOLEX11-0622031000 Datasheet
30Kb / 1P
Imperium Cable Seal Assembly Press
logo
List of Unclassifed Man...
E0508 ETC1-E0508 Datasheet
91Kb / 1P
Cable Ferrule - Insulated 0.5mm2
E1508 ETC1-E1508 Datasheet
86Kb / 1P
Cable Ferrule - Insulated 1.5mm2
logo
Molex Electronics Ltd.
0192861000 MOLEX-0192861000 Datasheet
29Kb / 1P
Hydraulic Press Assembly
08/26/2022
0192862000 MOLEX-0192862000 Datasheet
21Kb / 1P
Imperium Hydraulic Press Assembly
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com