| Manufacturer | Part # | Datasheet | Description |
 Tyco Electronics |
171-50
|
81Kb / 2P |
FLAT CABLE 28 AWG STRANDED PVC INSULATION
|
 Molex Electronics Ltd. |
0638170070
|
40Kb / 1P |
Straight Blade Stripping Cassette for PVC Insulation 8 to 34 AWG
|
|
0638170071
|
39Kb / 1P |
V Blade Stripping Cassette for PTFE Insulation 12 to 28 AWG
|
|
0638170072
|
71Kb / 1P |
Straight Blade Stripping Cassette for PVC Insulation 5 to 10 AWG
|
 List of Unclassifed Man... |
1347358
|
96Kb / 2P |
22 AWG solid tinned copper conductors, PVC insulation,
|
 PHOENIX CONTACT |
QUICK-WIREFOX-6
|
54Kb / 3P |
Stripping tool for cables with PVC insulation, stripping range: 0.08 to 6 mm짼, wire cutting up to 6 mm짼 flexible or 4 mm짼 rigid
|
 Molex Electronics Ltd. |
0638170000
|
40Kb / 1P |
Hand Wire Stripping Tool for 8-34 AWG Wire with 1.00mm Max Insulation Thickness
08/26/2022 |
|
0638170070
|
40Kb / 1P |
Straight Blade Stripping Cassette for PVC Insulation 8-34 AWG
08/26/2022 |
|
0638170071
|
40Kb / 1P |
Blade Stripping Cassette for PTFE Insulation 12-28 AWG
08/26/2022 |
|
0638170072
|
59Kb / 1P |
Straight Blade Stripping Cassette for PVC Insulation 5-10 AWG
08/26/2022 |