Electronic Components Datasheet Search
  English  ▼

X  

207122 Datasheet (PDF) - Molex Electronics Ltd.

207122 Datasheet PDF - Molex Electronics Ltd.
Part # 207122
Download  207122 Download
File Size   46.01 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Straight Blade Stripping Cassette for PVC Insulation 34-8 AWG

207122 Datasheet (PDF)

Go To PDF Page Download Datasheet
207122 Datasheet PDF - Molex Electronics Ltd.

Part # 207122
Download  207122 Click to download

File Size   46.01 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Straight Blade Stripping Cassette for PVC Insulation 34-8 AWG

207122 Datasheet (HTML) - Molex Electronics Ltd.


207122 Product details

General
Status Active
Category Application Tooling Accessories
Series 207122
Description Straight Blade Stripping Cassette
for PVC Insulation 34-8 AWG
Application Tooling Video www.youtube.com/watch?v=w-
EFhMmpg_E
Comments This straight blade stripping
cassette comes standard with
638170000, and is for use on PVC
from 8 to 34 AWG
Function Wire Stripping
Geographic Area Global
Keyword Cable Strip, Cable Strip Tool, Crimp,
Discrete Wire Strip, Discrete Wire
Strip Tool, PVC Strip Tools, Strip
Length, Replacement Blades,
Replacement Strip Blades, Strip
Length Tools, Stripping Tools,
Teflon Strip Tools, Wire Strip, Wire
Strip Tools, Wire Stripping
Equipment
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name N/A
Tool Type Hand Wire Stripper
UPC 756054404898
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 207122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
207122 MOLEX-207122 Datasheet
75Kb / 3P
Straight Blade Stripping Cassette for PVC Insulation 10-5 AWG
Jun 02, 2025
207122 MOLEX-207122 Datasheet
62Kb / 2P
Micro Precision Wire Stripper for Wire Diameters 0.25-0.80mm (30-20 AWG)
Jun 02, 2025
207122 MOLEX-207122 Datasheet
79Kb / 2P
Manual Wire Stripper for 16.00-0.03mm² (32-6 AWG) Wire Diameter, 1.00mm Insulation Thickness Maximum
Jun 02, 2025
207122 MOLEX-207122 Datasheet
62Kb / 2P
Micro Precision Wire Stripper for Wire Diameters 0.12-0.40mm (326-6 AWG)
Jun 02, 2025
207122 MOLEX-207122 Datasheet
62Kb / 2P
Micro Precision Wire Stripper for Wire Diameters 0.30-1.00mm (28-18 AWG)
Jun 02, 2025
More results


Similar Description - 207122

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
171-50 MACOM-171-50 Datasheet
81Kb / 2P
FLAT CABLE 28 AWG STRANDED PVC INSULATION
logo
Molex Electronics Ltd.
0638170070 MOLEX11-0638170070 Datasheet
40Kb / 1P
Straight Blade Stripping Cassette for PVC Insulation 8 to 34 AWG
0638170071 MOLEX11-0638170071 Datasheet
39Kb / 1P
V Blade Stripping Cassette for PTFE Insulation 12 to 28 AWG
0638170072 MOLEX11-0638170072 Datasheet
71Kb / 1P
Straight Blade Stripping Cassette for PVC Insulation 5 to 10 AWG
logo
PHOENIX CONTACT
WIREFOX-D-28 PHOENIX-WIREFOX-D-28 Datasheet
51Kb / 3P
Stripping tool, for stripping lines of 횠 8 - 28 mm
logo
Molex Electronics Ltd.
0638170000 MOLEX-0638170000 Datasheet
40Kb / 1P
Hand Wire Stripping Tool for 8-34 AWG Wire with 1.00mm Max Insulation Thickness
08/26/2022
0638170070 MOLEX-0638170070 Datasheet
40Kb / 1P
Straight Blade Stripping Cassette for PVC Insulation 8-34 AWG
08/26/2022
0638170071 MOLEX-0638170071 Datasheet
40Kb / 1P
Blade Stripping Cassette for PTFE Insulation 12-28 AWG
08/26/2022
0638170072 MOLEX-0638170072 Datasheet
59Kb / 1P
Straight Blade Stripping Cassette for PVC Insulation 5-10 AWG
08/26/2022
0638171200 MOLEX-0638171200 Datasheet
43Kb / 1P
Right Angle Hand Wire Stripping Tool for 8-34 AWG Wire with 1.00mm Max Insulation Thickness
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com