Electronic Components Datasheet Search
  English  ▼

X  

AK4556VT Datasheet (PDF) - Asahi Kasei Microsystems

AK4556VT Datasheet PDF - Asahi Kasei Microsystems
Part # AK4556VT
Download  AK4556VT Download
File Size   182.07 Kbytes
Page   22 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3V 192kHz 24Bit ?誇 CODEC

AK4556VT Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4556VT Datasheet PDF - Asahi Kasei Microsystems

Part # AK4556VT
Download  AK4556VT Click to download

File Size   182.07 Kbytes
Page   22 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3V 192kHz 24Bit ?誇 CODEC

AK4556VT Datasheet (HTML) - Asahi Kasei Microsystems


AK4556VT Product details

GENERAL DESCRIPTION

The AK4556 is a low voltage 24bit 192kHz CODEC for high performance battery powered digital audio

subsystems. The dynamic performance to power supply voltage ratio is very high, attaining 103dB and

106dB SNR for ADC and DAC, respectively. Sampling rates up to 216kHz are supported. The AK4556

reduces jitter sensitivity by using an integrated switched-capacitor filter. The analog inputs and outputs

are single-ended to minimize pin count and external filtering requirements. Packaged in a very small

20-pin TSSOP, the AK4556 is ideal for space-sensitive applications.



FEATURES

□ Single-ended ADC

   - Dynamic Range, S/N: 103dB@VA=3.0V

   - S/(N+D): 91dB@VA=3.0V

   - HPF for DC-offset cancel (fc = 1Hz @ fs=48kHz)

   - HPF can be disabled

□ Single-ended DAC

   - Dynamic Range, S/N: 106dB@VA=3.0V

   - S/(N+D): 90dB@VA=3.0V

   - Digital de-emphasis for 32kHz, 44.1kHz and 48kHz sampling

□ Audio I/F format: MSB First, 2’s Complement

   - ADC: 24bit MSB justified or I2S compatible

   - DAC: 24bit MSB justified, 24bit LSB justified or I2S compatible

□ Input/Output Voltage: ADC = 2.1Vpp @ VA=3.0V

                                 DAC = 2.1Vpp @ VA=3.0V

□ Master/Slave mode

□ Sampling Rate:

   - Normal Speed: 8kHz to 54kHz (256fs or 512fs)

                         8kHz to 48kHz (384fs or 768fs)

   - Double Speed: 54kHz to 108kHz (256fs)

                         48kHz to 96kHz (384fs)

   - Quad Speed: 108kHz to 216kHz (128fs)

                       96kHz to 192kHz (192fs)

† Master Clock:

   - Slave mode: 256fs, 384fs, 512fs or 768fs (Normal Speed)

      256fs or 384fs (Double Speed)

      128fs or 192fs (Quad Speed)

   - Master mode: 256fs or 512fs (Normal Speed)

      256fs (Double Speed)

      128fs (Quad Speed)

□ Power Supply: 2.4 to 3.6V (Normal Speed, Double Speed)

                         2.7 to 3.6V (Quad Speed)

□ Power Supply Current: 27.5mA

□ Ta = -40 to 85°C

□ Very Small Package: 20pin TSSOP

□ Upper compatible with AK4552



 




Similar Part No. - AK4556VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4550 AKM-AK4550 Datasheet
845Kb / 22P
EVALUATION BOARD REV.C FOR AK4550
AK4550VT AKM-AK4550VT Datasheet
102Kb / 15P
LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4551 AKM-AK4551 Datasheet
110Kb / 17P
EVALUATION BOARD REV.C FOR AK4551
More results


Similar Description - AK4556VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
24Bit 192kHz ?誇 ADC
AKD4340-SB AKM-AKD4340-SB Datasheet
340Kb / 31P
192kHz sampling 24Bit ?誇 DAC
AKD4341-SB AKM-AKD4341-SB Datasheet
419Kb / 23P
192kHz sampling 24Bit ?誇 DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
192kHz sampling 24Bit ?誇 DAC
AKD4385-SC AKM-AKD4385-SC Datasheet
320Kb / 31P
192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
192kHz sampling 24Bit ?誇 DAC
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
192kHz sampling 24Bit ?誇 DAC.
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
192kHz sampling 24Bit ?誇 DAC
AKD4396-SBW AKM-AKD4396-SBW Datasheet
297Kb / 30P
192kHz sampling 24Bit ?誇 DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com