Electronic Components Datasheet Search
  English  ▼

X  

AK4550VT Datasheet (PDF) - Asahi Kasei Microsystems

AK4550VT Datasheet PDF - Asahi Kasei Microsystems
Part # AK4550VT
Download  AK4550VT Download
File Size   102.24 Kbytes
Page   15 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description LOW POWER & SMALL PACKAGE 16BIT CODEC

AK4550VT Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4550VT Datasheet PDF - Asahi Kasei Microsystems

Part # AK4550VT
Download  AK4550VT Click to download

File Size   102.24 Kbytes
Page   15 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description LOW POWER & SMALL PACKAGE 16BIT CODEC

AK4550VT Datasheet (HTML) - Asahi Kasei Microsystems


AK4550VT Product details

GENERAL DESCRIPTION
The AK4550 is a low voltage 16bit A/D & D/A converter for portable digital audio system. In the AK4550, the loss of accuracy form clock jitter is also improved by using SCF techniques for on-chip post filter.
Analog signal input/output of the AK4550 are single-ended, therefore, any external filters are not required. The AK4550 is suitable for portable digital audio system, as the AK4550 is lower power dissipation and a smaller package than AK4518.

FEATURES
□ HPF for DC-offset cancel (fc=3.4Hz)
□ Single-ended ADC
    - S/(N+D): 82dB@VDD=2.5V
    - Dynamic Range, S/N: 89dB@VDD=2.5V
□ Single-ended DAC
    - Digital de-emphasis for 32kHz, 44.1kHz, 48kHz sampling
    - S/(N+D): 85dB@VDD=2.5V
    - Dynamic Range, S/N: 92dB@VDD=2.5V
□ Audio I/F format: MSB First, 2’s Compliment (AK4518 compatible)
    - ADC: 16bit MSB justified
    - DAC: 16bit LSB justified
□ Input/Output Voltage: 0.6 X VDD (=1.5Vpp@VDD=2.5V)
□ High Jitter Tolerance
□ Sampling Rate: 8kHz to 50kHz
□ Master Clock: 256fs or 384fs or 512fs
□ Power Supply: 2.3 to 3.6V
□ Low Power Supply Current: 10mA
□ Ta = -40 to 85°C
□ Very Small Package: 16pin TSSOP




Similar Part No. - AK4550VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4550 AKM-AK4550 Datasheet
845Kb / 22P
EVALUATION BOARD REV.C FOR AK4550
More results


Similar Description - AK4550VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
16BIT CODEC WITH MIC /HP/SPK-AMPl
AK5355 AKM-AK5355 Datasheet
120Kb / 14P
LOW POWER 16BIT ADC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
Low Power & Small Package 16bit ?誇 CODEC
AK4555 AKM-AK4555 Datasheet
192Kb / 17P
Low Power & Small Package 20bit ?誇 CODEC
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
16Bit CODEC with MIC/HP/SPK-AMP
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
Low Power 16bit ?誇 ADC
AKD4631-VN AKM-AKD4631-VN Datasheet
468Kb / 44P
16bit mono CODEC with MIC/SPK amplifier.
AKD4633-A AKM-AKD4633-A Datasheet
910Kb / 38P
16bit mono CODEC with MIC/SPK amplifier.
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com