Electronic Components Datasheet Search
  English  ▼

X  

AK4550 Datasheet (PDF) - Asahi Kasei Microsystems

AK4550 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4550
Download  AK4550 Download
File Size   845.36 Kbytes
Page   22 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.C FOR AK4550

AK4550 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4550 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4550
Download  AK4550 Click to download

File Size   845.36 Kbytes
Page   22 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.C FOR AK4550

AK4550 Datasheet (HTML) - Asahi Kasei Microsystems


AK4550 Product details

GENERAL DESCRIPTION
The AK4550 is a low voltage 16bit A/D & D/A converter for portable digital audio system. In the AK4550, the loss of accuracy form clock jitter is also improved by using SCF techniques for on-chip post filter.
Analog signal input/output of the AK4550 are single-ended, therefore, any external filters are not required. The AK4550 is suitable for portable digital audio system, as the AK4550 is lower power dissipation and a smaller package than AK4518.

FEATURES
□ HPF for DC-offset cancel (fc=3.4Hz)
□ Single-ended ADC
    - S/(N+D): 82dB@VDD=2.5V
    - Dynamic Range, S/N: 89dB@VDD=2.5V
□ Single-ended DAC
    - Digital de-emphasis for 32kHz, 44.1kHz, 48kHz sampling
    - S/(N+D): 85dB@VDD=2.5V
    - Dynamic Range, S/N: 92dB@VDD=2.5V
□ Audio I/F format: MSB First, 2’s Compliment (AK4518 compatible)
    - ADC: 16bit MSB justified
    - DAC: 16bit LSB justified
□ Input/Output Voltage: 0.6 X VDD (=1.5Vpp@VDD=2.5V)
□ High Jitter Tolerance
□ Sampling Rate: 8kHz to 50kHz
□ Master Clock: 256fs or 384fs or 512fs
□ Power Supply: 2.3 to 3.6V
□ Low Power Supply Current: 10mA
□ Ta = -40 to 85°C
□ Very Small Package: 16pin TSSOP




Similar Part No. - AK4550

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4550VT AKM-AK4550VT Datasheet
102Kb / 15P
LOW POWER & SMALL PACKAGE 16BIT CODEC
More results


Similar Description - AK4550

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4393 AKM-AKD4393 Datasheet
399Kb / 21P
EVALUATION BOARD REV.C FOR AK4393
AKD4394 AKM-AKD4394 Datasheet
398Kb / 21P
EVALUATION BOARD REV.C FOR AK4394
AKD4395 AKM-AKD4395 Datasheet
412Kb / 25P
EVALUATION BOARD REV.C FOR AK4395
AKD4528 AKM-AKD4528 Datasheet
302Kb / 38P
EVALUATION BOARD FOR AK4528 REV.C
AKD4551 AKM-AKD4551 Datasheet
110Kb / 17P
EVALUATION BOARD REV.C FOR AK4551
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Asahi Kasei Microsystem...
AKD4588 AKM-AKD4588 Datasheet
587Kb / 46P
Evaluation board Rev.C for AK4588
logo
Cirrus Logic
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com